Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8413S12B Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8413S12B
Description  HCSL/ LVCMOS Clock Generator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8413S12B Datasheet(HTML) 2 Page - Integrated Device Technology

  8413S12B Datasheet HTML 1Page - Integrated Device Technology 8413S12B Datasheet HTML 2Page - Integrated Device Technology 8413S12B Datasheet HTML 3Page - Integrated Device Technology 8413S12B Datasheet HTML 4Page - Integrated Device Technology 8413S12B Datasheet HTML 5Page - Integrated Device Technology 8413S12B Datasheet HTML 6Page - Integrated Device Technology 8413S12B Datasheet HTML 7Page - Integrated Device Technology 8413S12B Datasheet HTML 8Page - Integrated Device Technology 8413S12B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
©2016 Integrated Device Technology, Inc
Revision E, August 18, 2016
8413S12B Datasheet.
Block Diagram
QA0,
nQA0
QF
50MHz
QA1,
nQA1
Clock
Output
Control
Logic
FSEL_A [0:1]
QREF0
00 = 100MHz
01 = 125MHz
10 = 156.25MHz
11 = 312.5MHz
QB0,
nQB0
QB1,
nQB1
QREF1
QG
125MHz
OE_REF
FSEL_B [0:1]
FSEL_C [0:1]
FSEL_D [0:1]
QC0,
nQC0
QC1,
nQC1
QD0,
nQD0
QD1,
nQD1
OSC
00 = 100MHz
01 = 125MHz
10 = 156.25MHz
11 = 312.5MHz
00 = 100MHz
01 = 125MHz
10 = 156.25MHz
11 = 312.5MHz
00 = 100MHz
01 = 125MHz
10 = 156.25MHz
11 = 312.5MHz
00 = 100MHz
01 = 125MHz
10 = 156.25MHz
11 = 312.5MHz
0
1
FSEL_E [0:1]
0
1
CLK,
nCLK
QE0,
nQE0
QE1,
nQE1
nMR
PLL_SEL
REF_SEL
OE_G
OE_E
OE_D
OE_C
OE_B
OE_A
XTAL_IN
XTAL_OUT
IREF
2
2
2
2
2
VCO
Pullup
Pulldown
Pullup/
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pullup
Pullup
NOTE: OE_[A:G] and OE_REF pins have pullup resistors.


Similar Part No. - 8413S12B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
   HCSL/ LVCMOS Clock Generator
August 18, 2016
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
   HCSL/ LVCMOS Clock Generator
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
   HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
   HCSL/ LVCMOS Clock Generator
January 7, 2016
logo
Integrated Device Techn...
8413S12BKI-100LF IDT-8413S12BKI-100LF Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
More results

Similar Description - 8413S12B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
   HCSL/ LVCMOS Clock Generator
August 18, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
   HCSL/ LVCMOS Clock Generator
January 7, 2016
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
   HCSL/ LVCMOS Clock Generator
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
   HCSL/ LVCMOS Clock Generator
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
logo
Renesas Technology Corp
ICS870919I RENESAS-ICS870919I Datasheet
428Kb / 18P
   LVCMOS Clock Generator
2019
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
   100MHz HCSL Clock Generator
Rev 0; 11/07
logo
Renesas Technology Corp
870931I-01 RENESAS-870931I-01 Datasheet
408Kb / 14P
   LVCMOS Clock Generator
April 25, 2016
870919I-01 RENESAS-870919I-01 Datasheet
378Kb / 16P
   LVCMOS Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com