Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZXL1950 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9ZXL1950
Description  19-output DB1900Z Low-Power Derivative w/85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9ZXL1950 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 12Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 13Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 14Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
REVISION E 11/20/15
11
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE W/85OHM TERMINATIONS
9ZXL1950 DATASHEET
9ZXL1950 SMBus Addressing
SADR(1:0)_tri
SMBus Address (Rd/Wrt bit = 0)
00
D8
0M
DA
01
DE
M0
C2
MM
C4
M1
C6
10
CA
1M
CC
11
CE
SMBusTable: PLL Mode, and Frequency Select Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
PLL Mode 1
PLL Operating Mode Rd back 1
R
Latch
Bit 6
PLL Mode 0
PLL Operating Mode Rd back 0
R
Latch
Bit 5
DIF_18_En
Output Control
RW
Low/Low
Enable
1
Bit 4
DIF_17_En
Output Control
RW
Low/Low
Enable
1
Bit 3
DIF_16_En
Output Control
RW
Low/Low
Enable
1
Bit 2
0
Bit 1
0
Bit 0
100M_133M#
Frequency Select Readback
R
133MHz
100MHz
Latch
SMBusTable: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DIF_7_En
Output Control
RW
1
Bit 6
DIF_6_En
Output Control
RW
1
Bit 5
DIF_5_En
Output Control
RW
1
Bit 4
DIF_4_En
Output Control
RW
1
Bit 3
DIF_3_En
Output Control
RW
1
Bit 2
DIF_2_En
Output Control
RW
1
Bit 1
DIF_1_En
Output Control
RW
1
Bit 0
DIF_0_En
Output Control
RW
1
SMBusTable: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DIF_15_En
Output Control
RW
1
Bit 6
DIF_14_En
Output Control
RW
1
Bit 5
DIF_13_En
Output Control
RW
1
Bit 4
DIF_12_En
Output Control
RW
1
Bit 3
DIF_11_En
Output Control
RW
1
Bit 2
DIF_10_En
Output Control
RW
1
Bit 1
DIF_9_En
Output Control
RW
1
Bit 0
DIF_8_En
Output Control
RW
1
SMBusTable: PLL SW Override Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
PLL_SW_EN
Enable S/W control of PLL BW
RW
HW Latch
SMBus Control
0
Bit 2
PLL Mode 1
PLL Operating Mode 1
RW
1
Bit 1
PLL Mode 0
PLL Operating Mode 1
RW
1
Bit 0
0
Reserved
Reserved
Reserved
Reserved
Reserved
See PLL Operating Mode
Readback Table
Reserved
Low/Low
Enable
Low/Low
Enable
44/43
62/61
60/59
38/37
50/49
42/41
48/47
Byte 2
54/53
17/18
56/55
Byte 3
Note: Setting bit 3 to '1' allows the user to overide the Latch value from pin 4 via use of bits 2 and 1. Use the values from the PLL Operating
Mode Readback Table. Note that Byte 0, Bits 7:6 will keep the value originally latched on pin 4. A warm reset of the system will have to
accomplished if the user changes these bits.
Byte 0
4
4
72/71
68/67
66/65
23/24
19/20
35/36
31/32
29/30
25/26
3
Byte 1
See PLL Operating Mode
Readback Table
Reserved


Similar Part No. - 9ZXL1950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950 Datasheet
296Kb / 18P
   Fixed feedback path
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950BKLF IDT-9ZXL1950BKLF Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950BKLF RENESAS-9ZXL1950BKLF Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950BKLFT IDT-9ZXL1950BKLFT Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
More results

Similar Description - 9ZXL1950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com