Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZXL1930 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9ZXL1930
Description  19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1930 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9ZXL1930 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
9ZXL1930
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
IDT®
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
8
9ZXL1930
REV D 112015
Electrical Characteristics–Skew and Differential Jitter Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
CLK_IN, DIF[x:0]
tSPO_PLL
Input-to-Output Skew in PLL mode
nominal value @ 25°C, 3.3V
-100
-44
100
ps
1,2,4,5,8
CLK_IN, DIF[x:0]
tPD_BYP
Input-to-Output Skew in Bypass mode
nominal value @ 25°C, 3.3V
2.5
3.6
4.5
ns
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_PLL
Input-to-Output Skew Varation in PLL mode
across voltage and temperature
-50
-2
50
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_BYP
Input-to-Output Skew Varation in Bypass mode
across voltage and temperature
-250
250
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDTE
Random Differential Tracking error beween two
9ZX devices in Hi BW Mode
35
ps
(rms)
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSSTE
Random Differential Spread Spectrum Tracking
error beween two 9ZX devices in Hi BW Mode
15
75
ps
1,2,3,5,8
DIF{x:0]
tSKEW_ALL
Output-to-Output Skew across all outputs
(Common to Bypass and PLL mode)
76
85
ps
1,2,3,8
PLL Jitter Peaking
jpeak-hibw
LOBW#_BYPASS_HIBW = 1
0
1.75
2.5
dB
7,8
PLL Jitter Peaking
jpeak-lobw
LOBW#_BYPASS_HIBW = 0
0
0.75
2
dB
7,8
PLL Bandwidth
pllHIBW
LOBW#_BYPASS_HIBW = 1
2
3.33
4
MHz
8,9
PLL Bandwidth
pllLOBW
LOBW#_BYPASS_HIBW = 0
0.7
1.18
1.4
MHz
8,9
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50.4
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode
@100MHz
-2
0
2
%
1,10
PLL mode
24
50
ps
1,11
Additive Jitter in Bypass Mode
0
50
ps
1,11
Notes for preceding table:
6. t is the period of the input clock
7 Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
8. Guaranteed by design and characterization, not 100% tested in production.
9 Measured at 3 db down or half power point.
10 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
11 Measured from differential waveform
Jitter, Cycle to cycle
tjcyc-cyc
1 Measured into fixed 2 pF load cap. Input to output skew is measured at the first output edge following the corresponding input.
2 Measured from differential cross-point to differential cross-point. This parameter can be tuned with external feedback path, if present.
3 All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created by it.
4 This parameter is deterministic for a given device
5 Measured with scope averaging on to find mean value.


Similar Part No. - 9ZXL1930

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930 Datasheet
234Kb / 18P
   Fixed feedback path
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL1930BKLF RENESAS-9ZXL1930BKLF Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL1930BKLFT RENESAS-9ZXL1930BKLFT Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results

Similar Description - 9ZXL1930

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9Z61195D RENESAS-9Z61195D Datasheet
691Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1–4 and UPI for Dell Servers
September 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com