Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0731 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9DBV0731
Description  7-output 1.8V HCSL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0731 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9DBV0731_16 Datasheet HTML 7Page - Integrated Device Technology 9DBV0731_16 Datasheet HTML 8Page - Integrated Device Technology 9DBV0731_16 Datasheet HTML 9Page - Integrated Device Technology 9DBV0731_16 Datasheet HTML 10Page - Integrated Device Technology 9DBV0731_16 Datasheet HTML 11Page - Integrated Device Technology 9DBV0731_16 Datasheet HTML 12Page - Integrated Device Technology 9DBV0731_16 Datasheet HTML 13Page - Integrated Device Technology 9DBV0731_16 Datasheet HTML 14Page - Integrated Device Technology 9DBV0731_16 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
REVISION D 03/28/16
11
7-OUTPUT 1.8V HCSL FANOUT BUFFER
9DBV0731 DATASHEET
SMBus Table: Output Enable Register
1
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
DIF OE5
Output Enable
RW
Low/Low
OE# pin control
1
Bit 6
DIF OE4
Output Enable
RW
Low/Low
OE# pin control
1
Bit 5
1
Bit 4
DIF OE3
Output Enable
RW
Low/Low
OE# pin control
1
Bit 3
DIF OE2
Output Enable
RW
Low/Low
OE# pin control
1
Bit 2
DIF OE1
Output Enable
RW
Low/Low
OE# pin control
1
Bit 1
1
Bit 0
DIF OE0
Output Enable
RW
Low/Low
OE# pin control
1
1. A low on these bits will overide the OE# pin and force the differential output Low/Low
SMBus Table: PLL Operating Mode and Output Amplitude Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
1
Bit 5
DIF OE6
Output Enable
RW
Low/Low
OE# pin control
1
Bit 4
0
Bit 3
1
Bit 2
1
Bit 1
AMPLITUDE 1
RW
00 = 0.6V
01 = 0.7V
1
Bit 0
AMPLITUDE 0
RW
10= 0.8V
11 = 0.9V
0
1. A low on the DIF OE bit will overide the OE# pin and force the differential output Low/Low
SMBus Table: DIF Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
SLEWRATESEL DIF5
Adjust Slew Rate of DIF5
RW
Slow Setting
Fast Setting
1
Bit 6
SLEWRATESEL DIF4
Adjust Slew Rate of DIF4
RW
Slow Setting
Fast Setting
1
Bit 5
1
Bit 4
SLEWRATESEL DIF3
Adjust Slew Rate of DIF3
RW
Slow Setting
Fast Setting
1
Bit 3
SLEWRATESEL DIF2
Adjust Slew Rate of DIF2
RW
Slow Setting
Fast Setting
1
Bit 2
SLEWRATESEL DIF1
Adjust Slew Rate of DIF1
RW
Slow Setting
Fast Setting
1
Bit 1
1
Bit 0
SLEWRATESEL DIF0
Adjust Slew Rate of DIF0
RW
Slow Setting
Fast Setting
1
SMBus Table: DIF Slew Rate Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
1
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
1
Bit 1
1
Bit 0
SLEWRATESEL DIF6
Adjust Slew Rate of DIF6
RW
Slow Setting
Fast Setting
1
Byte 4 is Reserved and reads back 'hFF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Controls Output Amplitude
Reserved
Reserved
Reserved


Similar Part No. - 9DBV0731_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer
More results

Similar Description - 9DBV0731_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_17 Datasheet
204Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_16 Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0931 IDT-9DBV0931_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com