Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1M Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # F1M
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

F1M Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  F1M Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. F1M Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
=30
RRM
2)
1)
F1M
F1J
F1G
F1D
F1B
F1A
30
Features
· Glass passivated die construction
· Ideal for surface mouted applications
· Low reverse leakage
· Metallurgically bonded construction
· High temperature soldering guaranteed:
seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
· Case: SOD-123FL, molded plastic
· Terminals: plated leads solderable per
MIL-STD-750, Method 2026
· Polarity: Color band denotes cathode end
· Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
@IF=1.0A
VFM
1.3
V
Peak Reverse Current
At Rated DC Blocking Voltage
IR
5.0
uA
Maximum reverse recovery time (NOTE
trr
150
250
500
ns
Typical junction capacitance (NOTE
CJ
15
pF
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
Note:1.
2.
Measured with IF=0.5A, IR=1A, Irr=0.25A.
Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
version:01
1 of 2
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
260 /10
SYMBOL
A
@T
=100
=25
A
@T
A
@T
0
· Plastic material-UL flammability 94V-
2°(2°)
0.063(1.6)
0.079(2.0)
0.047(1.2)
0.032(0.8)
Dimensions in inches and (millimeters)
0.022(0.55)
0.037(0.95)
SOD-123FL
8°(8°)
0.150(3.8)
0.134(3.4)
F1A THRU F1M
F1K
www.dyelec.com


Similar Part No. - F1M

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
F1M YANGJIE-F1M Datasheet
96Kb / 2P
   Fast Recovery Rectifier Diode
F1MF YANGJIE-F1MF Datasheet
101Kb / 2P
   Fast Recovery Rectifier Diode
logo
RFE international
F1MF RFE-F1MF Datasheet
1Mb / 3P
   Surface Mount Fast Recovery Rectifier F1AF Through F1MF
07-10-2020
F1MFS RFE-F1MFS Datasheet
1Mb / 3P
   Surface Mount Fast Recovery Rectifier F1AFS Through F1MFS
07-13-2020
More results

Similar Description - F1M

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
FFM101U-M DYELEC-FFM101U-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101N-M DYELEC-FFM101N-M Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1N DYELEC-F1N Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1U DYELEC-F1U Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101-M DYELEC-FFM101-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
ES1AUL DYELEC-ES1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1ANL DYELEC-ES1ANL Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
ES1AL DYELEC-ES1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com