Electronic Components Datasheet Search |
|
CAT93C57ZD4A Datasheet(PDF) 3 Page - Catalyst Semiconductor |
|
CAT93C57ZD4A Datasheet(HTML) 3 Page - Catalyst Semiconductor |
3 / 9 page 3 CAT93C56/57 Doc. No. 1088, Rev. M PIN CAPACITANCE SymbolTest Conditions Min Typ Max Units COUT(2) Output Capacitance (DO) VOUT=0V 5 pF CIN(2) Input Capacitance (CS, SK, DI, ORG) VIN=0V 5 pF INSTRUCTION SET n o i t c u r t s n I e c i v e D e p y T t r a t S t i Be d o c p O s s e r d d Aa t a D s t n e m m o C 8 x6 1 x8 x6 1 x D A E R6 5 C 3 9 ) 1 ( 10 10 A - 8 A0 A - 7 A0 A – N A s s e r d d A d a e R 7 5 C 3 91 0 10 A - 7 A0 A - 6 A E S A R E6 5 C 3 9 ) 1 ( 11 10 A - 8 A0 A - 7 A0 A – N A s s e r d d A r a e l C 7 5 C 3 91 1 10 A - 7 A0 A - 6 A E T I R W6 5 C 3 9 ) 1 ( 11 00 A - 8 A0 A - 7 A0 D - 7 D0 D - 5 1 D0 A – N A s s e r d d A e t i r W 7 5 C 3 91 1 00 A - 7 A0 A - 6 A0 D - 7 D0 D - 5 1 D N E W E6 5 C 3 9 ) 1 ( 10 0 X X X X X 1 1X XX X X X X 1 1X e l b a n E e t i r W 7 5 C 3 91 0 0 X X X X X 1 1X X X X X X 1 1 S D W E6 5 C 3 9 ) 1 ( 10 0 0 0X X X X XX X0 0X X X X XX e l b a s i D e t i r W 7 5 C 3 91 0 0 0 0X X X X XX 0 0X X X X X L A R E6 5 C 3 9 ) 1 ( 10 0 10 X X X X XX X10 X X X X XX s e s s e r d d A ll A r a e l C 7 5 C 3 91 0 0 10 X X X X X X 10 X X X X X L A R W6 5 C 3 9 ) 1 ( 10 0 0X X X X X 1X X0 X X X X X 1X 0 D - 7 D0 D - 5 1 Ds e s s e r d d A ll A e t i r W 7 5 C 3 91 0 0 0X X X X X 1X 0 X X X X X 1 0 D - 7 D0 D - 5 1 D Limits VCC = VCC = VCC = 1.8V-6V 2.5V-6V 4.5V-5.5V Test SymbolParameter Conditions Min Max Min Max Min Max Units tCSS CS Setup Time 200 100 50 ns tCSH CS Hold Time 0 0 0 ns tDIS DI Setup Time 400 200 100 ns tDIH DI Hold Time 400 200 100 ns tPD1 Output Delay to 1 1 0.5 0.25 µs tPD0 Output Delay to 0 1 0.5 0.25 µs tHZ(1) Output Delay to High-Z 400 200 100 ns tEW Program/Erase Pulse Width 10 10 10 ms tCSMIN Minimum CS Low Time 1 0.5 0.25 µs tSKHI Minimum SK High Time 1 0.5 0.25 µs tSKLOW Minimum SK Low Time 1 0.5 0.25 µs tSV Output Delay to Status Valid 1 0.5 0.25 µs SKMAX Maximum Clock Frequency DC 250 DC 500 DC 1000 kHz A.C. CHARACTERISTICS CL = 100pF (3) Note: (1) Address bit A8 for 256x8 ORG and A7 for 128x16 ORG are "Don't Care" bits, but must be kept at either a "1" or "0" for READ, WRITE and ERASE commands. (2) This parameter is tested initially and after a design or process change that affects the parameter. |
Similar Part No. - CAT93C57ZD4A |
|
Similar Description - CAT93C57ZD4A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |