Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPZ60R017C7 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPZ60R017C7
Description  600V CoolMOS짧 C7 Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZ60R017C7 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPZ60R017C7 Datasheet HTML 6Page - Infineon Technologies AG IPZ60R017C7 Datasheet HTML 7Page - Infineon Technologies AG IPZ60R017C7 Datasheet HTML 8Page - Infineon Technologies AG IPZ60R017C7 Datasheet HTML 9Page - Infineon Technologies AG IPZ60R017C7 Datasheet HTML 10Page - Infineon Technologies AG IPZ60R017C7 Datasheet HTML 11Page - Infineon Technologies AG IPZ60R017C7 Datasheet HTML 12Page - Infineon Technologies AG IPZ60R017C7 Datasheet HTML 13Page - Infineon Technologies AG IPZ60R017C7 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
600VCoolMOSªC7PowerTransistor
IPZ60R017C7
Rev.2.0,2016-03-01
Final Data Sheet
Diagram13:Drain-sourcebreakdownvoltage
Tj[°C]
-60
-30
0
30
60
90
120
150
520
540
560
580
600
620
640
660
680
700
VBR(DSS)=f(Tj);ID=1mA
Diagram14:Typ.capacitances
VDS[V]
0
100
200
300
400
100
101
102
103
104
105
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=250kHz
Diagram15:Typ.Cossstoredenergy
VDS[V]
0
100
200
300
400
0
5
10
15
20
25
30
Eoss=f(VDS)


Similar Part No. - IPZ60R017C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZ60R040C7 INFINEON-IPZ60R040C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-05-08
IPZ60R040C7 INFINEON-IPZ60R040C7_15 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-05-08
IPZ60R041P6 INFINEON-IPZ60R041P6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
IPZ60R041P6 INFINEON-IPZ60R041P6_15 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
IPZ60R060C7 INFINEON-IPZ60R060C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-11-30
More results

Similar Description - IPZ60R017C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R185C7 INFINEON-IPL60R185C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2015-12-11
IPL60R104C7 INFINEON-IPL60R104C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2015-12-11
IPW60R017C7 INFINEON-IPW60R017C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2016-03-01
IPL60R125C7 INFINEON-IPL60R125C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2015-12-11
IPB60R180C7 INFINEON-IPB60R180C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2016-03-01
IPL60R065C7 INFINEON-IPL60R065C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.1,2017-08-30
IPB60R040C7 INFINEON-IPB60R040C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2016-03-01
IPB60R099C7 INFINEON-IPB60R099C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2016-03-01
IPT65R195G7 INFINEON-IPT65R195G7 Datasheet
998Kb / 14P
   650V CoolMOS짧 C7 Gold series (G7) Power Transistor
Rev.2.1,2016-03-14
IPT65R105G7 INFINEON-IPT65R105G7 Datasheet
986Kb / 14P
   650V CoolMOS짧 C7 Gold series (G7) Power Transistor
Rev.2.1,2016-03-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com