Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2AN Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # E2AN
Description  2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

E2AN Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  E2AN Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. E2AN Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
@T =100
@T =25
/W
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY
RECTIFIER
RRM
Classification Rating 94V-0
E2JN
E2GN
E2DN
E2BN
E2AN
plastic SMAF
3)
1)
I
5.0
@IF=2.0A
T
T
Time
2.0
E2JN
E2AN THRU
Features
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band dentes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
50
A
Forward Voltage
VFM
0.95
1.25
1.7
V
Peak Reverse Current
uA
At Rated DC Blocking Voltage
150
Maximum Reverse Recovery
Trr
35
ns
Typical Junction Capacitance (Note 2)
C
25
pF
Typical Thermal Resistance Junction to
Ambient(Note
Rθ JA
34
Operating Temperature Range
-55 to+150
Storage Temperature Range
-55 to +150
Note:
version:01
1of2
·
·
·
Low Power Loss, High Efficiency
Plastic Case Material has UL Flammability
Ideally Suited for Automatic Assembly
Guard Ring Die Construction
·
R
Areas.
Land
Thick
8.0MM
1.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR=0.25A.
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
3.
²(.013mm
(Note
J
J
STG
A
A
SMAF
Dimiensions in inches and (milimeters)
www.dyelec.com
@T =100
L


Similar Part No. - E2AN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A OMRON-E2A Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2A OMRON-E2A Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
logo
Yea Shin Technology Co....
E2A YEASHIN-E2A Datasheet
138Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
logo
DIYI Electronic Technol...
E2A DYELEC-E2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
logo
Omron Electronics LLC
E2A-M08KN04-M1-B1 OMRON-E2A-M08KN04-M1-B1 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
More results

Similar Description - E2AN

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
ES2AN DYELEC-ES2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES2A DYELEC-ES2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
E2A DYELEC-E2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
G2A DYELEC-G2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS2A DYELEC-GS2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
G2AN DYELEC-G2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS2AN DYELEC-GS2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
RS2AN DYELEC-RS2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
R2AN DYELEC-R2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS2A DYELEC-RS2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com