Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS120 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # DSS120
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY ??@TA =90??BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DSS120 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  DSS120 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DSS120 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25
2 THRU DSS
Code
55to+150
55to+150
RRM
/10
260
0.05
0.1
30
0.92
0.55
D120
DSS120
D115
DSS115
D110
DSS110
D18
DSS18
D16
DSS16
D15
DSS15
D14
DSS14
D13
DSS13
Features
· The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction,majority carrier conduction
· Low power loss,high efficiency
· High temperature soldering guaranteed:
seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
· Case: SOD-123FL, molded plastic
· Terminals: plated leads solderable per
MIL-STD-750, Method 2026
· Polarity: Color band denotes cathode end
· Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL DSS12
D12
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
20
30
40
50
60
80
100
150
200
V
VRWM
VDC
RMS Reverse Voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Average Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
@IF=1.0A
VFM
0.7
0.85
V
Peak Reverse Current
At Rated DC Blocking Voltage
IR
mA
10
5
Typical junction capacitance (NOTE 1)
CJ
110
80
pF
Operating junction temperature range
TJ
-
Operating and Storage Temperature Range
TSTG
-
Note:1. Measured at 1MHZ and applied reverse voltage of 4.0V D.C.
1 of 2
SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY
=90
A
@T
BARRIER RECTIFIER
=100
=25
A
@T
A
@T
2°(2°)
0.063(1.6)
0.079(2.0)
0.047(1.2)
0.032(0.8)
Dimensions in inches and (millimeters)
0.022(0.55)
0.037(0.95)
SOD-123FL
8°(8°)
0.150(3.8)
0.134(3.4)
DSS1
1
D125
DSS125
250
175
0.95
version:01
www.dyelec.com


Similar Part No. - DSS120

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DSS120 CHENDA-DSS120 Datasheet
570Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
DSS120D120 SY-DSS120D120 Datasheet
814Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS120U DYELEC-DSS120U Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DSS120

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DSS12U DYELEC-DSS12U Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
DSS12U SMCDIODE-DSS12U Datasheet
318Kb / 5P
   DSS12U THRU DSS120U SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_11 Datasheet
207Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SSL12 TSC-SSL12_11 Datasheet
201Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_13 Datasheet
260Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS12 TSC-SS12_11 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS13M TSC-SS13M Datasheet
176Kb / 3P
   1.0Amp Surface Mount Schottky Barrier Rectifier
logo
Chip Integration Techno...
AB102S-B CITC-AB102S-B Datasheet
227Kb / 4P
   Single Phase 1.0AMP Surface Mount
logo
DIYI Electronic Technol...
FFM101U-M DYELEC-FFM101U-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101N-M DYELEC-FFM101N-M Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com