Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF1407STRLPbF Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRF1407STRLPbF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF1407STRLPbF Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRF1407STRLPbF Datasheet HTML 1Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 2Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 3Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 4Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 5Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 6Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 7Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 8Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
IRF1407S/LPbF
2
2016-5-26
Notes:
Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11)
starting TJ = 25°C, L = 0.13mH, RG = 25, IAS = 78A, VGS =10V. (See fig. 12)
ISD 78A, di/dt 320A/µs, VDD V(BR)DSS, TJ  175°C.
Pulse width
400µs; duty cycle  2%.
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A.
Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive avalanche performance.
Uses IRF1407 data and test conditions.

When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to
application note #AN-994
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ
Breakdown Voltage Temp. Coefficient
–––
0.09
–––
V/°C Reference to 25°C, ID = 1mA 
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.0078
 VGS = 10V, ID = 78A 
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Trans conductance
74
–––
–––
S
VDS = 25V, ID = 78A
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
VDS =75 V, VGS = 0V
–––
–––
250
VDS = 60V,VGS = 0V,TJ =150°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
-200
VGS = -20V
Qg
Total Gate Charge
–––
160
250
nC  
ID = 78A
Qgs
Gate-to-Source Charge
–––
35
52
VDS = 60V
Qgd
Gate-to-Drain Charge
–––
54
81
VGS = 10V 
td(on)
Turn-On Delay Time
–––
11
–––
ns
VDD = 38V
tr
Rise Time
–––
150
–––
ID =78A
td(off)
Turn-Off Delay Time
–––
150
–––
RG= 2.5
tf
Fall Time
–––
140
–––
VGS = 10V 
LD
Internal Drain Inductance
–––
4.5
–––
nH  
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
5600
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
890
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
190
–––
ƒ = 1.0kHz, See Fig. 5
Coss
Output Capacitance
–––
5800
–––
VGS = 0V, VDS = 1.0V ƒ = 1.0kHz
Coss
Output Capacitance
–––
560
–––
VGS = 0V, VDS = 60V ƒ = 1.0kHz
Coss eff.
Effective Output Capacitance
–––
1100
–––
VGS = 0V, VDS = 0V to 60V
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
––– 100
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
520
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C,IS = 78A,VGS = 0V 
trr
Reverse Recovery Time
–––
110
170
ns TJ = 25°C ,IF = 78A
Qrr
Reverse Recovery Charge
–––
390
590
nC
di/dt = 100A/µs 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)


Similar Part No. - IRF1407STRLPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
logo
Inchange Semiconductor ...
IRF1407S ISC-IRF1407S Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
259Kb / 12P
   Advanced Process Technology
IRF1407SPBF IRF-IRF1407SPBF_15 Datasheet
259Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF1407STRLPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com