Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK042CG3R9CD-W Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK042CG3R9CD-W
Description  Standard packaging quantity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK042CG3R9CD-W Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  TMK042CG3R9CD-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc TMK042CG3R9CD-W Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
TMK042CG3R9CD-W
Features
Item Summary
3.9pF±0.25pF, 25V,
C0G/CG, 01005/0402 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 40000pcs
Products characteristics table
Capacitance
3.9 pF ± 0.25pF
Case Size (EIA/JIS)
01005/0402
Rated Voltage
25 V
Q (min)
478 at 1MHz
Temperature Characteristic (EIA)
C0G
Operating Temp. Range (EIA)
-55 to +125 ℃
Temperature Characteristic (JIS)
CG
Operating Temp. Range (JIS)
-55 to +125 ℃
Temperature Characteristic
0 ±30 ppm/℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
0.4 ±0.02 mm
Dimension W
0.2 ±0.02 mm
Dimension T
0.2 ±0.02 mm
Dimension e
0.10 ±0.03 mm
2016.12.02
1 / 1


Similar Part No. - TMK042CG3R9CD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK042CG3R9BD-W TAIYO-YUDEN-TMK042CG3R9BD-W Datasheet
286Kb / 2P
   Standard packaging quantity
More results

Similar Description - TMK042CG3R9CD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG1R3AD-W TAIYO-YUDEN-EMK042CG1R3AD-W Datasheet
287Kb / 2P
   Standard packaging quantity
TMK042CG4R1CD-W TAIYO-YUDEN-TMK042CG4R1CD-W Datasheet
287Kb / 2P
   Standard packaging quantity
HMK105CG560JV-F TAIYO-YUDEN-HMK105CG560JV-F Datasheet
315Kb / 2P
   Standard packaging quantity
HMK325C7475MN-TE TAIYO-YUDEN-HMK325C7475MN-TE Datasheet
331Kb / 2P
   Standard packaging quantity
JMK021BJ103KK-W TAIYO-YUDEN-JMK021BJ103KK-W Datasheet
289Kb / 2P
   Standard packaging quantity
EMK042CG5R8CD-W TAIYO-YUDEN-EMK042CG5R8CD-W Datasheet
286Kb / 2P
   Standard packaging quantity
EMK042CG1R5AD-W TAIYO-YUDEN-EMK042CG1R5AD-W Datasheet
287Kb / 2P
   Standard packaging quantity
TMK021CG060DK-W TAIYO-YUDEN-TMK021CG060DK-W Datasheet
285Kb / 2P
   Standard packaging quantity
TMK021CG030BK-W TAIYO-YUDEN-TMK021CG030BK-W Datasheet
285Kb / 2P
   Standard packaging quantity
GMK325BJ106MMHP TAIYO-YUDEN-GMK325BJ106MMHP Datasheet
311Kb / 2P
   Standard packaging quantity
HMJ107AB7102MAHT TAIYO-YUDEN-HMJ107AB7102MAHT Datasheet
287Kb / 2P
   Standard packaging quantity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com