Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3707ZTRLPbF Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IRFR3707ZTRLPbF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFR3707ZTRLPbF Datasheet(HTML) 3 Page - Infineon Technologies AG

  IRFR3707ZTRLPbF Datasheet HTML 1Page - Infineon Technologies AG IRFR3707ZTRLPbF Datasheet HTML 2Page - Infineon Technologies AG IRFR3707ZTRLPbF Datasheet HTML 3Page - Infineon Technologies AG IRFR3707ZTRLPbF Datasheet HTML 4Page - Infineon Technologies AG IRFR3707ZTRLPbF Datasheet HTML 5Page - Infineon Technologies AG IRFR3707ZTRLPbF Datasheet HTML 6Page - Infineon Technologies AG IRFR3707ZTRLPbF Datasheet HTML 7Page - Infineon Technologies AG IRFR3707ZTRLPbF Datasheet HTML 8Page - Infineon Technologies AG IRFR3707ZTRLPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 
IRFR/U3707ZPbF
3
2016-5-31
Fig. 2 Typical Output Characteristics
Fig. 3 Typical Transfer Characteristics
Fig. 4 Normalized On-Resistance
vs. Temperature
Fig. 1 Typical Output Characteristics
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
10000
2.2V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
6.0V
4.5V
4.0V
3.3V
2.8V
2.5V
BOTTOM
2.2V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.2V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
10V
6.0V
4.5V
4.0V
3.3V
2.8V
2.5V
BOTTOM
2.2V
0
2
4
6
8
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 10V
20µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 30A
VGS = 10V


Similar Part No. - IRFR3707ZTRLPbF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3707ZTRL KERSEMI-IRFR3707ZTRL Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRFR3707ZTRLPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com