Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1507-12D5L Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1507-12D5L
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1507-12D5L Datasheet(HTML) 8 Page - Anachip Corp

  AP1507-12D5L Datasheet HTML 1Page - Anachip Corp AP1507-12D5L Datasheet HTML 2Page - Anachip Corp AP1507-12D5L Datasheet HTML 3Page - Anachip Corp AP1507-12D5L Datasheet HTML 4Page - Anachip Corp AP1507-12D5L Datasheet HTML 5Page - Anachip Corp AP1507-12D5L Datasheet HTML 6Page - Anachip Corp AP1507-12D5L Datasheet HTML 7Page - Anachip Corp AP1507-12D5L Datasheet HTML 8Page - Anachip Corp AP1507-12D5L Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AP1507
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
8/9
Function Description
Pin Functions
+VIN
This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be
present at this pin to minimize voltage transients
and to supply the switching currents needed by the
regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches
between (+VIN – VSAT) and approximately – 0.5V,
with a duty cycle of approximately VOUT / VIN. To
minimize coupling to sensitive circuitry, the PC
board copper area connected to this pin should be
kept a minimum.
Feedback (FB)
Senses the regulated output voltage to complete
the feedback loop.
ON /OFF (SD)
Allows the switching regulator circuit to be
shutdown using logic level signals thus dropping
the total input supply current to approximately
150uA. Pulling this pin below a threshold voltage of
approximately 1.3V turns the regulator on, and
pulling this pin above 1.3V (up to a maximum of
18V) shuts the regulator down. If this shutdown
feature is not needed, the ON /OFF pin can be
wired to the ground pin.
Thermal Considerations
The TO-252 surface mount package tab is
designed to be soldering to the copper on a printed
circuit board. The copper and the board are the
heat sink for this package and the other heat
producing components, such as the catch diode
and inductor. The PC board copper area that the
package is soldered to should be at least 0.8 in
2,
and ideally should have 2 or more square inches of
2 oz. Additional copper area improves the thermal
characteristics, but with copper areas greater than
approximately 6 in
2, only small improvements in
heat dissipation are realized. If further thermal
improvements
are
needed,
double
sided,
multi-layer PC board with large copper areas and/or
airflow will be recommended.
The
AP1507
(TO-252
package)
junction
temperature rises above ambient temperature with
a 3A load for various input and output voltages.
This data was taken with the circuit operating as a
buck-switching regulator with all components
mounted on a PC board to simulate the junction
temperature under actual operating conditions.
This curve can be used for a quick check for the
approximate junction temperature for various
conditions, but be aware that there are many
factors that can affect the junction temperature.
When load currents higher than 3A are used,
double sided or multi-layer PC boards with large
copper areas and/or airflow might be needed,
especially for high ambient temperatures and high
output voltages.
For the best thermal performance, wide copper
traces and generous amounts of printed circuit
board copper should be used in the board layout.
(Once exception to this is the output (switch) pin,
which should not have large areas of copper.)
Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding
air, and moving air lowers the thermal resistance
even further.
Package
thermal
resistance
and
junction
temperature rise numbers are all approximate, and
there are many factors that will affect these
numbers.
Some of these factors include board
size, shape, thickness, position, location, and even
board temperature. Other factors are, trace width,
total printed circuit copper area, copper thickness,
single or double-sided, multi-layer board and the
amount of solder on the board. The effectiveness
of the PC board to dissipate heat also depends on
the size, quantity and spacing of other components
on the board, as well as whether the surrounding
air is still or moving. Furthermore, some of these
components such as the catch diode will add heat
to the PC board and the heat can vary as the input
voltage changes. For the inductor, depending on
the physical size, type of core material and the DC
resistance, it could either act as a heat sink taking
heat away from the board, or it could add heat to
the board.


Similar Part No. - AP1507-12D5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507-12D5L-13 DIODES-AP1507-12D5L-13 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1507-12D5L-U DIODES-AP1507-12D5L-U Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results

Similar Description - AP1507-12D5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com