Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIGC32T120R3LE Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SIGC32T120R3LE
Description  TRENCHSTOPTM IGBT3 Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC32T120R3LE Datasheet(HTML) 3 Page - Infineon Technologies AG

  SIGC32T120R3LE Datasheet HTML 1Page - Infineon Technologies AG SIGC32T120R3LE Datasheet HTML 2Page - Infineon Technologies AG SIGC32T120R3LE Datasheet HTML 3Page - Infineon Technologies AG SIGC32T120R3LE Datasheet HTML 4Page - Infineon Technologies AG SIGC32T120R3LE Datasheet HTML 5Page - Infineon Technologies AG SIGC32T120R3LE Datasheet HTML 6Page - Infineon Technologies AG SIGC32T120R3LE Datasheet HTML 7Page - Infineon Technologies AG SIGC32T120R3LE Datasheet HTML 8Page - Infineon Technologies AG SIGC32T120R3LE Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SIGC32T120R3LE
L7641N, L7641U, L7641F
3
Rev. 2.3, 19.08.2015
TRENCHSTOP
TM IGBT3 Chip
Features:
1200V trench & field stop technology
Low turn-off losses
Short tail current
Positive temperature coefficient
Easy paralleling
Recommended for:
Power modules
Applications:
Drives
Chip Type
VCE
ICn 1
Die Size
Package
SIGC32T120R3LE
1200V
25A
6.5mm x 4.87mm
Sawn on foil
Mechanical Parameters
Die size
6.5 x 4.87
mm
2
Emitter pad size
See chip drawing
Gate pad size
1.139 x 1.139
Area total
31.665
Thickness
120
µm
Wafer size
200
mm
Maximum possible chips per wafer
864
Passivation frontside
Photoimide
Pad metal
3200nm AlSiCu
Backside metal
Ni Ag
– system
To achieve a reliable solder connection it is strongly
recommended not to consume the Ni layer completely during
production process
Die bond
Electrically conductive epoxy glue and soft solder
Wire bond
Al,
≤500µm
Reject ink dot size
 0.65mm; max. 1.2mm
Storage environment
for original and
sealed MBB bags
Ambient atmosphere air, temperature 17°C
– 25°C,
<6 months
for open MBB bags
Acc. to IEC62258-3: atmosphere >99% Nitrogen or inert gas,
humidity <25%RH, temperature 17°C
– 25°C, <6 months
1 Nominal collector current at TC=100°C for chip packaged in TO packages, see application example cited on page 5.


Similar Part No. - SIGC32T120R3LE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC32T120R3LE INFINEON-SIGC32T120R3LE Datasheet
177Kb / 5P
   positive temperature coefficient
Rev 2.1, 27.06.2014
More results

Similar Description - SIGC32T120R3LE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC158T120R3LE INFINEON-SIGC158T120R3LE_15 Datasheet
341Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC109T120R3LE INFINEON-SIGC109T120R3LE_15 Datasheet
343Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC158T120R3E INFINEON-SIGC158T120R3E_15 Datasheet
347Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC54T60R3E INFINEON-SIGC54T60R3E Datasheet
276Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 19.07.2017
SIGC03T60SE INFINEON-SIGC03T60SE Datasheet
284Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 20.07.2017
SIGC10T60SE INFINEON-SIGC10T60SE Datasheet
283Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 20.07.2017
SIGC40T60R3E INFINEON-SIGC40T60R3E Datasheet
290Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.07.2017
SIGC20T120LE INFINEON-SIGC20T120LE_15 Datasheet
499Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC78T65R3E INFINEON-SIGC78T65R3E Datasheet
341Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 25.01.2017
SIGC76T65R3E INFINEON-SIGC76T65R3E Datasheet
336Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.0, 04.11.2016
SIGC76T60R3E INFINEON-SIGC76T60R3E Datasheet
338Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 26.07.2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com