Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2675N-3.3 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2675N-3.3
Description  SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2675N-3.3 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2675N-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2675N-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2675N-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2675N-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2675N-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM2675N-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM2675N-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LM2675N-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LM2675N-3.3 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LM2675 Series Buck Regulator Design Procedure (Fixed Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
To simplify the buck regulator design procedure, National
Semiconductor is making available computer design software to
be used with the SIMPLE SWITCHER line of switching
regulators. LM267X Made Simple version 6.0 is available on
Windows® 3.1, NT, or 95 operating systems.
Given:
Given:
V
OUT = Regulated Output Voltage (3.3V, 5V, or 12V)
V
OUT =5V
V
IN(max) = Maximum DC Input Voltage
V
IN(max) = 12V
I
LOAD(max) = Maximum Load Current
I
LOAD(max) = 1A
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from Figure
4, Figure 5 or Figure 6 (output voltages of 3.3V, 5V, or 12V
respectively). For all other voltages, see the design procedure
for the adjustable version.
A. Use the inductor selection guide for the 5V version shown in
Figure 5.
B. From the inductor value selection guide, identify the
inductance region intersected by the Maximum Input Voltage
line and the Maximum Load Current line. Each region is
identified by an inductance value and an inductor code (LXX).
B. From the inductor value selection guide shown in Figure 5,
the inductance region intersected by the 12V horizontal line and
the 1A vertical line is 33 µH, and the inductor code is L23.
C. Select an appropriate inductor from the four manufacturer’s
part numbers listed in Figure 8. Each manufacturer makes a
different style of inductor to allow flexibility in meeting various
design requirements. Listed below are some of the
differentiating characteristics of each manufacturer’s inductors:
C. The inductance value required is 33 µH. From the table in
Figure 8, go to the L23 line and choose an inductor part number
from any of the four manufacturers shown. (In most instances,
both through hole and surface mount inductors are available.)
Schott: ferrite EP core inductors; these have very low leakage
magnetic fields to reduce electro-magnetic interference (EMI)
and are the lowest power loss inductors
Renco: ferrite stick core inductors; benefits are typically lowest
cost inductors and can withstand E
T and transient peak
currents above rated value. Be aware that these inductors have
an external magnetic field which may generate more EMI than
other types of inductors.
Pulse: powered iron toroid core inductors; these can also be low
cost and can withstand larger than normal E
T and transient
peak currents. Toroid inductors have low EMI.
Coilcraft: ferrite drum core inductors; these are the smallest
physical size inductors, available only as SMT components. Be
aware that these inductors also generate EMI — but less than
stick inductors.
Complete specifications for these inductors are available from
the respective manufacturers. A table listing the manufacturers’
phone numbers is located in Figure 9.
2. Output Capacitor Selection (C
OUT)
2. Output Capacitor Selection (C
OUT)
A. Select an output capacitor from the output capacitor table in
Figure 10. Using the output voltage and the inductance value
found in the inductor selection guide, step 1, locate the
appropriate capacitor value and voltage rating.
A. Use the 5.0V section in the output capacitor table in Figure
10. Choose a capacitor value and voltage rating from the line
that contains the inductance value of 33 µH. The capacitance
and voltage rating values corresponding to the 33 µH inductor
are the:
www.national.com
10


Similar Part No. - LM2675N-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675N-3.3 NSC-LM2675N-3.3 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675N-3.3 TI-LM2675N-3.3 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675N-3.3 TI1-LM2675N-3.3 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675N-3.3 TI-LM2675N-3.3 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675N-3.3 TI-LM2675N-3.3 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results

Similar Description - LM2675N-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675EP NSC-LM2675EP Datasheet
511Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2672M-ADJ TI-LM2672M-ADJ Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com