Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1H6 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # 1H6
Description  1.0 AMP. High Plastic Efficient Rectifiers s i l icon
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1H6 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  1H6 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1H6 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
j
C
A
@T =100
@T =25
@T =55
c
plasti
Ambient
1H1 THRU 1H
Features
·
Low forward voltage drop
·
High current capability
·
High reliability.
Mechanical Data
·
Case: Molded
R-1
·
Terminals: Axial leads solderable per
MIL-STD-202,Method 208
·
Polarity: Color band dentes cathode end
·
Mounting Position: Any
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL 1H1
1H2
1H3
1H4
1H5
1H6
1H7
Unit
Maximum Recurrent Peak Reverse Voltage
VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Rectified Output Current (Note 1)
IO
1.0
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
25
A
Forward Voltage
@IF=1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
IR
5.0
uA
At Rated DC Blocking Voltage
100
Maximum Reverse Recovery Time (Note3 )
TRR
50
75
nS
Typical Junction Capacitance (Note 2)
12
pF
Typical Thermal Resistance Junction to
Rθ JA
25
/W
Operating Temperature Range
Tj
-65 to + 125
Storage Temperature Range
TSTG
-65 to + 150
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A .
1of2
MIN.
MIN.
DIA.
DIA.
R-1
A
A
1H8
300
210
300
1.0 AMP. High
Efficient Rectifiers
Plastic silicon
version:01
www.dyelec.com


Similar Part No. - 1H6

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1H6 WTE-1H6 Datasheet
46Kb / 3P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Microdiode Electronics ...
1H6 CHENDA-1H6 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
1H6 SAMYANG-1H6 Datasheet
464Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
1H6 RECTRON-1H6 Datasheet
27Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Goodwork Semiconductor ...
1H6 GWSEMI-1H6 Datasheet
69Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - 1H6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
EGP10A TSC-EGP10A Datasheet
73Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
UF4001 TSC-UF4001 Datasheet
210Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
HER101S TSC-HER101S Datasheet
269Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
DIYI Electronic Technol...
HER101 DYELEC-HER101 Datasheet
711Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
62Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Daya Electric Group Co....
HER101 DAYA-HER101 Datasheet
285Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_1 Datasheet
264Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER101-UF4001 YANGJIE-HER101-UF4001 Datasheet
507Kb / 2P
   1.0 AMP. HIGH EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com