Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIGC109T120R3LE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SIGC109T120R3LE
Description  TRENCHSTOPTM IGBT3 Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC109T120R3LE Datasheet(HTML) 7 Page - Infineon Technologies AG

  SIGC109T120R3LE_15 Datasheet HTML 1Page - Infineon Technologies AG SIGC109T120R3LE_15 Datasheet HTML 2Page - Infineon Technologies AG SIGC109T120R3LE_15 Datasheet HTML 3Page - Infineon Technologies AG SIGC109T120R3LE_15 Datasheet HTML 4Page - Infineon Technologies AG SIGC109T120R3LE_15 Datasheet HTML 5Page - Infineon Technologies AG SIGC109T120R3LE_15 Datasheet HTML 6Page - Infineon Technologies AG SIGC109T120R3LE_15 Datasheet HTML 7Page - Infineon Technologies AG SIGC109T120R3LE_15 Datasheet HTML 8Page - Infineon Technologies AG SIGC109T120R3LE_15 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SIGC109T120R3LE
L7688N, L7688U, L7688F
7
Rev. 2.3, 19.08.2015
Bare Die Product Specifics
Test coverage at wafer level cannot cover all application conditions. Therefore it is recommended to test all
characteristics which are relevant for the application at package level, including RBSOA and SCSOA.
Description
AQL 0.65 for visual inspection according to failure catalogue
Electrostatic Discharge Sensitive Device according to MIL-STD 883
Revision History
Revision
Subjects (major changes since last revision)
Date
2.0
Release of final datasheet, change wafer size to 200mm
30.04.2010
2.1
Additional basic types L7688N, L7688U, L7688F; new gate pad design
01.07.2014
2.2
Minor changes, chip drawing
06.02.2015
2.3
Update disclaimer
19.08.2015
Relevant Application Notes


Similar Part No. - SIGC109T120R3LE_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC109T120R3LE INFINEON-SIGC109T120R3LE Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.1, 01.07.2014
More results

Similar Description - SIGC109T120R3LE_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC158T120R3LE INFINEON-SIGC158T120R3LE_15 Datasheet
341Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC158T120R3E INFINEON-SIGC158T120R3E_15 Datasheet
347Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC54T60R3E INFINEON-SIGC54T60R3E Datasheet
276Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 19.07.2017
SIGC03T60SE INFINEON-SIGC03T60SE Datasheet
284Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 20.07.2017
SIGC10T60SE INFINEON-SIGC10T60SE Datasheet
283Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 20.07.2017
SIGC40T60R3E INFINEON-SIGC40T60R3E Datasheet
290Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.07.2017
SIGC20T120LE INFINEON-SIGC20T120LE_15 Datasheet
499Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC78T65R3E INFINEON-SIGC78T65R3E Datasheet
341Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 25.01.2017
SIGC76T65R3E INFINEON-SIGC76T65R3E Datasheet
336Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.0, 04.11.2016
SIGC76T60R3E INFINEON-SIGC76T60R3E Datasheet
338Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 26.07.2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com