Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAQ5300-2.85YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MAQ5300-2.85YML
Description  Automotive Qualified Single Output 300mA 關Cap LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAQ5300-2.85YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MAQ5300-2.85YML Datasheet HTML 1Page - Micrel Semiconductor MAQ5300-2.85YML Datasheet HTML 2Page - Micrel Semiconductor MAQ5300-2.85YML Datasheet HTML 3Page - Micrel Semiconductor MAQ5300-2.85YML Datasheet HTML 4Page - Micrel Semiconductor MAQ5300-2.85YML Datasheet HTML 5Page - Micrel Semiconductor MAQ5300-2.85YML Datasheet HTML 6Page - Micrel Semiconductor MAQ5300-2.85YML Datasheet HTML 7Page - Micrel Semiconductor MAQ5300-2.85YML Datasheet HTML 8Page - Micrel Semiconductor MAQ5300-2.85YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MAQ5300
July 10, 2015
3
Revision 2.3
Absolute Maximum Ratings
(2)
Supply Voltage (VIN) ............................................. 0V to +6V
Enable Input (VEN). ....................................... 0V to VIN+0.3V
Power Dissipation
(4)...................................Internally Limited
Lead Temperature (soldering, 10s)............................ 260°C
Storage Temperature (TS)............................–65°C to +150°
ESD Rating
HBM
(5) ...................................................................... 2kV
MM .........................................................................100V
Operating Ratings
(3)
Supply Voltage (VIN)..................................... +2.3V to +5.5V
Enable Input (VEN) .................................................. 0V to VIN
Ambient Temperature (TA) ........................ –40°C to +125°C
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
6-pin 2mm × 2mm DFN (
θ
JA) ............................. 90°C/W
Electrical Characteristics
(6)
VIN = VOUT+1V; COUT = 1.0µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C
≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Output Voltage Accuracy
Variation from nominal VOUT
–2
+2
%
Variation from nominal VOUT; –40°C to +125°C
–3
+3
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.6
%/V
Load Regulation
(7)
IOUT = 100µA to 300mA
0.03
0.6
%
Dropout Voltage
(8)
IOUT = 150mA
IOUT = 300mA
50
100
100
200
mV
mV
Ground Pin Current
(9)
IOUT = 0 to 300mA, EN = High
85
120
µA
Ground Pin Current in Shutdown
VEN = 0V
0.1
1
µA
Ripple Rejection
f = up to 1kHz; COUT = 1.0µF
f = 1kHz to 20kHz; COUT = 1.0µF
65
42
dB
dB
Current Limit
VOUT = 0V
325
650
875
mA
Output Voltage Noise
COUT =1µF, 10Hz to 100kHz
120
µVRMS
Enable Input
Enable Input Voltage
Logic Low
0.2
V
Logic High
1.1
V
Enable Input Current
VIL < 0.2V
0.01
µA
VIH > 1.0V
0.01
µA
Turn-on Time
COUT = 1.0µF
30
100
µs
Thermal Protection
Over-temperature Shutdown
TJ Rising
155
°C
Over-temperature Shutdown Hysteresis
5
°C
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4. The maximum allowable power dissipation for any TA (ambient temperature) is PD(max) = (TJ(max) – TA) /
θ
JA. Exceeding the maxmimum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
5.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
6.
Specification for packaged product only.
7. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects are
covered by the thermal regulation specification.
8.
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
9. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.


Similar Part No. - MAQ5300-2.85YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5280YME MICREL-MAQ5280YME Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281-3.3YMME MICREL-MAQ5281-3.3YMME Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MAQ5300-2.85YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
logo
Micrel Semiconductor
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
   300mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5501 MICREL-MIC5501 Datasheet
65Kb / 2P
   Single 300mA LDO
MIC5249 MICREL-MIC5249_12 Datasheet
217Kb / 7P
   300mA 關Cap LDO with Programmable Power-On Reset Delay
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5512 MICREL-MIC5512 Datasheet
736Kb / 12P
   Single 300mA LDO
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com