Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAQ5300-2.8YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MAQ5300-2.8YML
Description  Automotive Qualified Single Output 300mA 關Cap LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAQ5300-2.8YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MAQ5300-2.8YML Datasheet HTML 1Page - Micrel Semiconductor MAQ5300-2.8YML Datasheet HTML 2Page - Micrel Semiconductor MAQ5300-2.8YML Datasheet HTML 3Page - Micrel Semiconductor MAQ5300-2.8YML Datasheet HTML 4Page - Micrel Semiconductor MAQ5300-2.8YML Datasheet HTML 5Page - Micrel Semiconductor MAQ5300-2.8YML Datasheet HTML 6Page - Micrel Semiconductor MAQ5300-2.8YML Datasheet HTML 7Page - Micrel Semiconductor MAQ5300-2.8YML Datasheet HTML 8Page - Micrel Semiconductor MAQ5300-2.8YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MAQ5300
July 10, 2015
4
Revision 2.3
Typical Characteristics
0
20
40
60
80
100
120
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
Ground Pin Current vs.
Output Current
V
IN = VOUT+1
VOUT = 2.8V
COUT = 1µF
60
65
70
75
80
85
90
95
100
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (C)
Ground Pin Current
vs. Temperature
V
IN = VOUT+1
V
OUT = 2.8V
C
OUT = 1µF
300mA
100µA
60
65
70
75
80
85
90
95
100
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Ground Pin Current vs.
Supply Voltage
100µA
300mA
V
IN = VOUT+1
VOUT = 2.8V
COUT = 1µF
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
V
IN = 3.8V
V
OUT = 2.8V
C
OUT = 1µF
I
OUT = 300mA Res. Load
0
25
50
75
100
125
150
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (C)
Dropout Voltage
vs. Temperature
V
OUT = 2.8V
COUT = 1 F
300mA
150mA
50mA
100µA
0
25
50
75
100
125
150
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
V
IN = VOUT+1
VOUT = 2.8V
COUT = 1µF
2.77
2.78
2.79
2.80
2.81
2.82
2.83
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
Vin = Vout+1V
Vout = 2.8V
Cout=1uF
V
IN = VOUT+1V
VOUT = 2.8V
COUT = 1µF
Output Voltage vs.
Output Current
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
Output Voltage vs.
Supply Voltage
V
OUT = 2.8V
C
OUT = 1µF
300mA
100µA
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (C)
Output Voltage vs.
Temperature
V
IN = VOUT +1V
VOUT = 2.8V
COUT = 1µF
IOUT = 100µA


Similar Part No. - MAQ5300-2.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5280YME MICREL-MAQ5280YME Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281-3.3YMME MICREL-MAQ5281-3.3YMME Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MAQ5300-2.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
logo
Micrel Semiconductor
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
   300mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5501 MICREL-MIC5501 Datasheet
65Kb / 2P
   Single 300mA LDO
MIC5249 MICREL-MIC5249_12 Datasheet
217Kb / 7P
   300mA 關Cap LDO with Programmable Power-On Reset Delay
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5512 MICREL-MIC5512 Datasheet
736Kb / 12P
   Single 300mA LDO
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com