Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5241WI-50 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT5241WI-50
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5241WI-50 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5241WI-50 Datasheet HTML 1Page - Catalyst Semiconductor CAT5241WI-50 Datasheet HTML 2Page - Catalyst Semiconductor CAT5241WI-50 Datasheet HTML 3Page - Catalyst Semiconductor CAT5241WI-50 Datasheet HTML 4Page - Catalyst Semiconductor CAT5241WI-50 Datasheet HTML 5Page - Catalyst Semiconductor CAT5241WI-50 Datasheet HTML 6Page - Catalyst Semiconductor CAT5241WI-50 Datasheet HTML 7Page - Catalyst Semiconductor CAT5241WI-50 Datasheet HTML 8Page - Catalyst Semiconductor CAT5241WI-50 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
CAT5241
Document No. 2011, Rev. J
Symbol
Parameter
Min
Typ
Max
Units
fSCL
Clock Frequency
400
kHz
TI(1)
Noise Suppression Time Constant at SCL, SDA Inputs
50
ns
tAA
SLC Low to SDA Data Out and ACK Out
0.9
µs
tBUF(1)
Time the Bus Must be Free Before a New
1.2
µs
Transmission Can Start
tHD:STA
Start Condition Hold Time
0.6
µs
tLOW
Clock Low Period
1.2
µs
tHIGH
Clock High Period
0.6
µs
tSU:STA
Start Condition SetupTime (For a Repeated Start Condition)
0.6
µs
tHD:DAT
Data in Hold Time
0
ns
tSU:DAT
Data in Setup Time
100
ns
tR(1)
SDA and SCL Rise Time
0.3
µs
tF(1)
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Out Hold Time
50
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
CAPACITANCE
TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Conditions
Min
Typ
Max
Units
CI/O(1)
Input/Output Capacitance (SDA)
VI/O = 0V
8
pF
CIN(1)
Input Capacitance (A0, A1, A2, A3, SCL)
VIN = 0V
6
pF
POWER UP TIMING (1)
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
Power Supply Current
fSCL = 400kHz
1
mA
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC; SDA Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V)
IOL = 3 mA
0.4
V
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.


Similar Part No. - CAT5241WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241WI-50 CATALYST-CAT5241WI-50 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241WI-50 ONSEMI-CAT5241WI-50 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5241WI-50-T1 ONSEMI-CAT5241WI-50-T1 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5241WI-50-T1 ONSEMI-CAT5241WI-50-T1 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
More results

Similar Description - CAT5241WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com