Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM5343-RI Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM5343-RI
Description  SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER TELECOM STANDARD PRODUCT
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5343-RI Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM5343-RI Datasheet HTML 2Page - PMC-Sierra, Inc PM5343-RI Datasheet HTML 3Page - PMC-Sierra, Inc PM5343-RI Datasheet HTML 4Page - PMC-Sierra, Inc PM5343-RI Datasheet HTML 5Page - PMC-Sierra, Inc PM5343-RI Datasheet HTML 6Page - PMC-Sierra, Inc PM5343-RI Datasheet HTML 7Page - PMC-Sierra, Inc PM5343-RI Datasheet HTML 8Page - PMC-Sierra, Inc PM5343-RI Datasheet HTML 9Page - PMC-Sierra, Inc PM5343-RI Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 198 page
background image
PM5343 STXC
DATA SHEET
PMC-930303
ISSUE 6
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
iii
LIST OF REGISTERS
ADDRESS 00H: MASTER CONFIGURATION ............................................... 47
ADDRESS 01H: MASTER CONTROL/ENABLE ............................................ 50
ADDRESS 02H: MASTER INTERRUPT STATUS .......................................... 53
ADDRESS 03H: MASTER RESET AND IDENTITY ....................................... 55
ADDRESS 04H: TLOP CONTROL ................................................................. 56
ADDRESS 05H: TLOP DIAGNOSTIC ............................................................ 59
ADDRESS 06H: TRANSMIT K1 ..................................................................... 60
ADDRESS 07H: TRANSMIT K2 ..................................................................... 61
ADDRESS 08H: RLOP CONTROL/STATUS .................................................. 62
ADDRESS 09H: RLOP INTERRUPT ENABLE AND STATUS........................ 64
ADDRESS 0AH: B2 ERROR COUNT #1 ....................................................... 66
ADDRESS 0BH: B2 ERROR COUNT #2 ....................................................... 66
ADDRESS 0CH: B2 ERROR COUNT #3 ....................................................... 66
ADDRESS 0DH: REI ERROR COUNT #1...................................................... 68
ADDRESS 0EH: REI ERROR COUNT #2...................................................... 68
ADDRESS 0FH: REI ERROR COUNT #3 ...................................................... 68
ADDRESS 10H: RSOP CONTROL ................................................................ 70
ADDRESS 11H: RSOP INTERRUPT STATUS ............................................... 72
ADDRESS 12H: B1 ERROR COUNT #1........................................................ 74
ADDRESS 13H: B1 ERROR COUNT #2........................................................ 74
ADDRESS 14H: OUTPUT PORT ................................................................... 75
ADDRESS 15H: INPUT PORT INTERRUPT ENABLE................................... 76


Similar Part No. - PM5343-RI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5343-RI PMC-PM5343-RI Datasheet
1Mb / 2P
   SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
More results

Similar Description - PM5343-RI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
   SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
   SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
   SONET/SDH Transport Overhead Terminating Transceiver
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
   SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
   SONET/SDH 2.5Gbps Transport Terminating Transceiver
logo
PMC-Sierra, Inc
PM5344SPTX PMC-PM5344SPTX Datasheet
1Mb / 212P
   SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
logo
Vitesse Semiconductor C...
VSC8150 VITESSE-VSC8150 Datasheet
164Kb / 20P
   2.488Gb/s SONET/SDH Overhead Monitor
logo
PMC-Sierra, Inc
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
   SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
logo
Agere Systems
TSOT0410G4 AGERE-TSOT0410G4 Datasheet
2Mb / 190P
   SONET/SDH STS-192 Overhead and Path Processor
logo
Fujitsu Component Limit...
FLX600A FUJITSU-FLX600A Datasheet
66Kb / 2P
   SDH TRANSPORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com