Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH118-89 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AH118-89
Description  1/4 Watt, High Linearity InGaP HBT Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH118-89 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AH118-89 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH118-89 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH118-89 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH118-89 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH118-89 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH118-89 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
May 2004
AH118
¼ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
2140 MHz Application Circuit (AH118-89PCB2140)
Typical RF Performance at 25
°C
Frequency
2140 MHz
S21 – Gain
16.3 dB
S11 – Input Return Loss
-15 dB
S22 – Output Return Loss
-16 dB
Output P1dB
+24.7 dBm
Output IP3
(+17 dBm / tone, 1 MHz spacing)
+40.5 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+16.7 dBm
Noise Figure
4.8 dB
Device / Supply Voltage
+5 V
Quiescent Current
160 mA
CAP
C=
ID=
100 pF
C4
CAP
C=
ID=
100 pF
C5
CAP
C=
ID=
1 pF
C9
DIODE1
ID=D1
CAP
C=
ID=
56 pF
C3
CAP
C=
ID=
1000 pF
C2
CAP
C=
ID=
1e5 pF
C1
IND
L=
ID=
18 nH
L1
RES
R=
ID=
0 Ohm
L3
CAP
C=
ID=
1.8 pF
C6
CAP
C=
ID=
1.5 pF
L2
SUBCKT
NET=
ID=
"AH118"
U1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
Vcc = +5 V
5.6 V
C6 should be placed at the silk screen
marker "F" on the WJ evaluation board.
All passive components are of size 0603 unless otherwise noted.
C9 should be placed at the
WJ evaluation board.
size 1206
size 0805
The capacitor should be placed
26.2° @ 2.14GHz from pin 3
The capacitor should be placed
32° @ 2.14GHz from pin 1 of the AH118
silk screen marker '5' on the
size 0805
The diode D1 is used as over-voltage protection on the evaluation
boards. It is not specifically required in the final circuit layout in
a system using a DC regulator.
of the AH118.
configuration.
Component R1 is shown in the silkscreen but is not used for this
Gain
13
14
15
16
17
18
2110
2130
2150
2170
Frequency (MHz)
ReturnLoss
-25
-20
-15
-10
-5
0
2110
2130
2150
2170
Frequency (MHz)
S11
S22
ACLRvs. Channel Power
3GPPW-CDMA, Test Model 1+64 DPCH, ±5 MHz offset, 2140 MHz
-60
-55
-50
-45
-40
-35
12
13
14
15
16
17
18
Output Channel Power (dBm)


Similar Part No. - AH118-89

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH118-89 WJCI-AH118-89 Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
273Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118-89G TRIQUINT-AH118-89G Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH118-89

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SCG015 WJCI-SCG015 Datasheet
398Kb / 6P
   1/4 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG015 ETC-ECG015 Datasheet
198Kb / 5P
   1/4 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com