Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNI-3155HTTBT-A4-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # OMNI-3155HTTBT-A4-1010
Description  P-CAP or Resistive Touch Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

OMNI-3155HTTBT-A4-1010 Datasheet(HTML) 2 Page - AAEON Technology

  OMNI-3155HTTBT-A4-1010 Datasheet HTML 1Page - AAEON Technology OMNI-3155HTTBT-A4-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-14
www.aaeon.com
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
Ordering Information
OMNI-3155-BT
Part Number
Display
Type
Max
Resolution
Luminance
View
Angle
CPU
LAN
USB
3.0
USB
2.0
RS-
232/422/485
Storage
RAM
Display
Expansion
Mounting
Power
Operating
Temp.
Touch
OMNI-3155HTT-
BT-A1-1010
15”
TFT LCD
1024 x 768 450 cd/m2
160°(H)
140°(V)
Intel® J1900,
2 GHz
2
1
3
1
CFast™ x 1
2.5” SATA HDD x 1
DDR3L, up
to 8 GB
VGA x 1
Mini-Card x 2 (Full
Size) OMNI Module
VESA 100/
Panel mount
DC 9~30V
-10°C~55°C
with airflow
5-wire
Resistive
OMNI-3155HTT-
BT-A2-1010
15”
TFT LCD
1024 x 768 450 cd/m2
160°(H)
140°(V)
Intel® N2807,
1.58 GHz
2
1
3
1
CFast™ x 1
2.5” SATA HDD x 1
DDR3L, up
to 8 GB
VGA x 1
Mini-Card x 2 (Full
Size) OMNI Module
VESA 100/
Panel mount
DC 9~30V
-10°C~60°C
with airflow
5-wire
Resistive
OMNI-3155HTT-
BT-A3-1010
15”
TFT LCD
1024 x 768 450 cd/m2
160°(H)
140°(V)
Intel® J1900,
2 GHz
2
1
3
1
CFast™ x 1
2.5” SATA HDD x 1
DDR3L, up
to 8 GB
VGA x 1
Mini-Card x 2 (Full
Size) OMNI Module
VESA 100/
Panel mount
DC 9~30V
-10°C~55°C
with airflow
Projected
Capacitive
OMNI-3155HTT-
BT-A4-1010
15”
TFT LCD
1024 x 768 450 cd/m2
160°(H)
140°(V)
Intel® N2807,
1.58 GHz
2
1
3
1
CFast™ x 1
2.5” SATA HDD x 1
DDR3L, up
to 8 GB
VGA x 1
Mini-Card x 2 (Full
Size) OMNI Module
VESA 100/
Panel mount
DC 9~30V
-10°C~60°C
with airflow
Projected
Capacitive
OMNI-315DHTT-
KIT-A1-1010
15”
TFT LCD
1024 x 768 450 cd/m2
160°(H)
140°(V)
-10°C~60°C
with airflow
5-wire
Resistive
OMNI-315DHTT-
KIT-A2-1010
15”
TFT LCD
1024 x 768 450 cd/m2
160°(H)
140°(V)
-10°C~60°C
with airflow
Projected
Capacitive
OMNI-BT-KIT-A1-1010
Intel® J1900,
2 GHz
2
1
3
1
CFast™ x 1
2.5” SATA HDD x 1
DDR3L, up
to 8 GB
VGA x 1
Mini-Card x 2 (Full
Size) OMNI Module
VESA 100/
Panel mount
DC 9~30V
-10°C~55°C
with airflow
OMNI-BT-KIT-A2-1010
Intel® N2807,
1.58 GHz
2
1
3
1
CFast™ x 1
2.5” SATA HDD x 1
DDR3L, up
to 8 GB
VGA x 1
Mini-Card x 2 (Full
Size) OMNI Module
VESA 100/
Panel mount
DC 9~30V
-10°C~60°C
with airflow
Optional Accessories
AP-OT9789LA1000
LCD monitor Stand 230mm, LA-100
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
1255901202
19V 120W Power Adapter w/ 3p phoenix block
9741315501
Panel Mount Kit for OMNI-3155-BT
1700021500
Remote Switch Cable, 150 cm
Packing List
Phoenix Power Connector
Product DVD
OMNI-3155-BT
9761215500
2GB Wide Temperature DRAM (-40°C ~ 95°C)
9761215501
4GB Wide Temperature DRAM (-40°C ~ 95°C)
9761215502
8GB Wide Temperature DRAM (-40°C ~ 95°C)
**Users should select the wide temperature DRAM
above and use wide temperature storage devices if
the OMNI panel pc is to be operated at over 40°C.
Wide Temperature DRAM
9741215501
WiFi & SIM Card Module (Mini-
Card WiFi Module is not Included)
9741215502
Dual LAN Module
9741215503
USB / COM / LAN Module
9741215504
COM Port Module
9741215505
Isolated COM Port module
9741215506
DIO Module
9741215507
CAN Bus Module
9741215508
Audio Module
9741215510
HMS Kit
9741215511
DIOx16 Module
OMNI Module (with AAEON Interface)
Note: * RAM not included * Panel Mount Kit (Optional)


Similar Part No. - OMNI-3155HTTBT-A4-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OMNI-3155HTTBT-A4-1012 AAEON-OMNI-3155HTTBT-A4-1012 Datasheet
429Kb / 2P
   15” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
More results

Similar Description - OMNI-3155HTTBT-A4-1010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
logo
3M Electronics
SC802S 3M-SC802S Datasheet
131Kb / 3P
   Resistive Touch Screen Electronics
logo
Microchip Technology
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
logo
Advantech Co., Ltd.
ETM-RES05C ADVANTECH-ETM-RES05C Datasheet
402Kb / 1P
   Resistive Type Single-touch Module
logo
List of Unclassifed Man...
SP-15LW03 ETC2-SP-15LW03 Datasheet
412Kb / 2P
   5-wire resistive touch sensor
logo
Advantech Co., Ltd.
ETM-RES04C ADVANTECH-ETM-RES04C Datasheet
526Kb / 1P
   Resistive Type Single-touch module
ETM-RES02C ADVANTECH-ETM-RES02C Datasheet
526Kb / 1P
   Resistive Type Single-touch Module
logo
Fujitsu Component Limit...
N010-0554-T902 FUJITSU-N010-0554-T902 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com