Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2679 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2679
Description  SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2679 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2679 Datasheet HTML 4Page - National Semiconductor (TI) LM2679 Datasheet HTML 5Page - National Semiconductor (TI) LM2679 Datasheet HTML 6Page - National Semiconductor (TI) LM2679 Datasheet HTML 7Page - National Semiconductor (TI) LM2679 Datasheet HTML 8Page - National Semiconductor (TI) LM2679 Datasheet HTML 9Page - National Semiconductor (TI) LM2679 Datasheet HTML 10Page - National Semiconductor (TI) LM2679 Datasheet HTML 11Page - National Semiconductor (TI) LM2679 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Typical Performance Characteristics
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT =5V, ILOAD =5A
L = 10 µH, C
OUT = 400 µF, COUTESR=13 mΩ
DS100847-15
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 2 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT =5V, ILOAD = 500 mA
L = 10 µH, C
OUT = 400 µF, COUTESR=13 mΩ
DS100847-16
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs//iv
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT =5V
L = 10 µH, C
OUT = 400 µF, COUTESR=13 mΩ
DS100847-17
A: Output Voltage, 100 mV//div, AC-Coupled.
B: Load Current: 500 mA to 5A Load Pulse
Horizontal Time Base: 100 µs/div
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT =5V,
L = 10 µH, C
OUT = 400 µF, COUTESR=13 mΩ
DS100847-18
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 200 mA to 3A Load Pulse
Horizontal Time Base: 200 µs/div
www.national.com
8


Similar Part No. - LM2679

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-12/NOPB TI1-LM2679S-12/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-3.3 TI1-LM2679S-3.3 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-3.3/NOPB TI1-LM2679S-3.3/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-5.0 TI1-LM2679S-5.0 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
More results

Similar Description - LM2679

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM22673 NSC-LM22673 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673SX-ADJ TI-LM2673SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM22678TJE-50 TI1-LM22678TJE-50 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com