Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0768601038 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0768601038
Description  Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0768601038 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0768601038 Datasheet HTML 1Page - Molex Electronics Ltd. 0768601038 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/22/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0768601038
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide, 8
Columns, 72 Circuits, Plated Through Hole Dimension 0.39mm, Lead-Free
Documents:
3D Model
Application Specification AS-76850-990-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70873-591 (PDF)
Product Specification PS-76060-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-76060-9999-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
76860
Application
Daughtercard, Orthogonal, Orthogonal Direct,
Orthogonal Midplane
Application Tooling Documents
TM-622018799
Component Type
PCB Receptacle
Electrical Model
Yes
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
884982186163
Physical
Circuits (Loaded)
72
Circuits (maximum)
72
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
6.270/g
Number of Columns
8
Number of Pairs
3
Number of Rows
9
Orientation
Right Angle
PC Tail Length
1.20mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm, 2.15mm
Pitch - Termination Interface
1.90mm, 2.15mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
76860 Series
Mates With
76855 Impact™ 100 Ohm Backplane
Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Impact Daughter
Card Extraction Tool
0622024300
Impact™ Daughter
Card Module
Removal Tool
0622024600
Press-In Tool for
Daughter Card
0622018746


Similar Part No. - 0768601038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0768601036 MOLEX11-0768601036 Datasheet
48Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768601036 MOLEX11-0768601036_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
More results

Similar Description - 0768601038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0768601036 MOLEX11-0768601036 Datasheet
48Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768605036 MOLEX11-0768605036 Datasheet
48Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768603038 MOLEX11-0768603038_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768601036 MOLEX11-0768601036_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768603038 MOLEX11-0768603038 Datasheet
44Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768605036 MOLEX11-0768605036_17 Datasheet
46Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768605038 MOLEX11-0768605038_17 Datasheet
51Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768603036 MOLEX11-0768603036 Datasheet
52Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768605038 MOLEX11-0768605038 Datasheet
53Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Orthogonal Daughtercard, Right Guide
0768505006 MOLEX11-0768505006_17 Datasheet
47Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Orthogonal Daughtercard, Right Guide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com