Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX8335 Datasheet(PDF) 4 Page - Macronix International

Part # MX8335
Description  RAMBUS CLOCK GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX8335 Datasheet(HTML) 4 Page - Macronix International

  MX8335 Datasheet HTML 1Page - Macronix International MX8335 Datasheet HTML 2Page - Macronix International MX8335 Datasheet HTML 3Page - Macronix International MX8335 Datasheet HTML 4Page - Macronix International MX8335 Datasheet HTML 5Page - Macronix International MX8335 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MX8335
MX8335
AC CHARACTERISTICS TA = 0oC to 70oC, VDD = 3.0 V to 3.6 V, Note 1
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Dt
Duty Cycle
50
%
CLKOUT
Tj
Jitter (peak to peak)
150
pS
CLKOUT, over 3 clock cycles
Tr/Tf
Rise/Fall Time
0.3
0.5
nS
CLKOUT
Tst
Clock stabilization
5
mS
1. After power is stable
2. Frequency from 0 to 266.67MHz
Aco
Ouput asymmetry
TBD
Tsk
Output skew between two channels
50ps
Equal loading
Note1: The MX8335 parts are tested under 266.67MHz and triggered at falling edge.
WAVE FROMS
PART NO.
PACKAGE
MX8335MC
8-PIN SOP
ORDERING INFORMATION
CLKOUT
Tf
Tr
Vh
80%
VI
50%
CLKOUT1
Tch
Tcycle
Dt=
Tch
Tcycle
50%
CLKOUT2
Tsk
Tj
20%
INDEX


Similar Part No. - MX8335

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX839 ETC-MX839 Datasheet
165Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
CML Microcircuits
MX839 CMLMICRO-MX839 Datasheet
169Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
List of Unclassifed Man...
MX839DS ETC-MX839DS Datasheet
165Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
CML Microcircuits
MX839DS CMLMICRO-MX839DS Datasheet
169Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
List of Unclassifed Man...
MX839DW ETC-MX839DW Datasheet
165Kb / 20P
   Digitally Controlled Analog I/O Processor
More results

Similar Description - MX8335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com