Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ3139K Datasheet(PDF) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ3139K
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ3139K Datasheet(HTML) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ3139K Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3139K Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3139K Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3139K Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3139K Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SOT-23 Tape and Reel
www.cj-elec.com
5
A-2,Aug,2015
SOT-23 Tape and reel
1000
500
2000
1500
2500
3000
H
W1
W2
D
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
3000 pcs
7 inch
30,000 pcs
203×203×195
120,000 pcs
438×438×220
SOT-23 Embossed Carrier Tape
SOT-23 Tape Leader and Trailer
SOT-23 Reel
Pkg type
SOT-23
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
3.15
2.77
1.22
Ø1.50
1.75
3.50
4.00
4.00
2.00
8.00
Reel Option
7''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø178.00
54.40
13.00
R78.00
R25.60
R6.50
9.50
12.30
Packaging Description:
SOT-23 parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer
film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant,
and anti-static sprayed agent. These reeled parts in
standard option are shipped with 3,000 units per 7"
or 17.8cm diameter reel. The reels are clear in color
and is made of polystyrene plastic (anti-static
coated).
P1
P0
P
A
A
A
Trailer Tape
Leader Tape
50±2 Empty Pockets
100±2 Empty Pockets
Components
C
A-A


Similar Part No. - CJ3139K

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ3139K ZPSEMI-CJ3139K Datasheet
1Mb / 3P
   SOT-723 Plastic-Encapsulate MOSFETS
CJ3139KDW ZPSEMI-CJ3139KDW Datasheet
976Kb / 2P
   SOT-363 Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJ3139KDW JIANGSU-CJ3139KDW Datasheet
1Mb / 5P
   Dual P-Channel Power MOSFET
logo
Comchip Technology
CJ3139KDW-G COMCHIP-CJ3139KDW-G Datasheet
133Kb / 5P
   MOSFET
logo
ZP Semiconductor
CJ3139KW ZPSEMI-CJ3139KW Datasheet
666Kb / 2P
   SOT-323 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ3139K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com