Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM2678 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2678
Description  SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 2 page
background image
Connection Diagrams and Ordering Information
TO-263 Package
Top View
TO-220 Package
Top View
10088601
Order Number
LM2678S-3.3, LM2678S-5.0,
LM2678S-12 or LM2678S-ADJ
See NSC Package Number TS7B
10088602
Order Number
LM2678T-3.3, LM2678T-5.0,
LM2678T-12 or LM2678T-ADJ
See NSC Package Number TA07B
Top View
10088641
LLP-14
See NS package Number SRC14A
Ordering Information for LLP Package
Output Voltage
Order Information
Package Marking
Supplied As
12
LM2678SD-12
S0003BB
250 Units on Tape and Reel
12
LM2678SDX-12
S0003BB
2500 Units on Tape and Reel
3.3
LM2678SD-3.3
S0003CB
250 Units on Tape and Reel
3.3
LM2678SDX-3.3
S0003CB
2500 Units on Tape and Reel
5.0
LM2678SD-5.0
S0003DB
250 Units on Tape and Reel
5.0
LM2678SDX-5.0
S0003DB
2500 Units on Tape and Reel
ADJ
LM2678SD-ADJ
S0003EB
250 Units on Tape and Reel
ADJ
LM2678SDX-ADJ
S0003EB
2500 Units on Tape and Reel
www.national.com
2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2676SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2677SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2670SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2671SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2672SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2674SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2675SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678S-12SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2673SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2590HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl