Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS138 Datasheet(PDF) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BSS138
Description  N-Channel 50-V(D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BSS138 Datasheet(HTML) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BSS138 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BSS138 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BSS138 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BSS138 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BSS138 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SOT-23 Tape and Reel
www.cj-elec.com
5
E,May,2015
SOT-23 Tape and reel
1000
500
2000
1500
2500
3000
H
W1
W2
D
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
3000 pcs
7 inch
30,000 pcs
203×203×195
120,000 pcs
438×438×220
SOT-23 Embossed Carrier Tape
SOT-23 Tape Leader and Trailer
SOT-23 Reel
Pkg type
SOT-23
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
3.15
2.77
1.22
Ø1.50
1.75
3.50
4.00
4.00
2.00
8.00
Reel Option
7''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø178.00
54.40
13.00
R78.00
R25.60
R6.50
9.50
12.30
Packaging Description:
SOT-23 parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer
film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant,
and anti-static sprayed agent. These reeled parts in
standard option are shipped with 3,000 units per 7"
or 17.8cm diameter reel. The reels are clear in color
and is made of polystyrene plastic (anti-static
coated).
P1
P0
P
A
A
A
Trailer Tape
Leader Tape
50±2 Empty Pockets
100±2 Empty Pockets
Components
C
A-A


Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
TECH PUBLIC Electronics...
BSS138 TECHPUBLIC-BSS138 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
BSS138 UTC-BSS138 Datasheet
157Kb / 3P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Micro Commercial Compon...
BSS138 MCC-BSS138 Datasheet
325Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Siemens Semiconductor G...
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results

Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
Analog Power
BSS138N ANALOGPOWER-BSS138N Datasheet
183Kb / 5P
   N-Channel 50-V (D-S) MOSFET
logo
Shenzhen Huazhimei Semi...
BSS138 HMSEMI-BSS138 Datasheet
359Kb / 2P
   N-Channel 50-V(D-S) MOSFET
logo
Vishay Siliconix
SUB75N05-06 VISHAY-SUB75N05-06 Datasheet
41Kb / 4P
   N-Channel 50-V (D-S), 175C MOSFET
Rev. E, 10-Dec-01
SUP75N05-06A VISHAY-SUP75N05-06A Datasheet
255Kb / 4P
   N-CHANNEL 50-V (D-S), 175 MOSFET
Rev. A, 15-Dec 03
SUP75N05-06 VISHAY-SUP75N05-06 Datasheet
48Kb / 4P
   N-Channel 50-V (D-S), 175C MOSFET
Rev. E, 10-Dec-01
logo
Analog Power
AM7451P ANALOGPOWER-AM7451P Datasheet
484Kb / 5P
   P-Channel 50-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBE2509 VBSEMI-VBE2509 Datasheet
705Kb / 9P
   P-Channel 50 V (D-S) MOSFET
logo
Vishay Siliconix
SQD50N05-11L VISHAY-SQD50N05-11L Datasheet
158Kb / 9P
   Automotive N-Channel 50 V (D-S) 175 °C MOSFET
Rev. B, 24-Oct-11
SQD50N05-11L VISHAY-SQD50N05-11L_V01 Datasheet
194Kb / 10P
   Automotive N-Channel 50 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com