Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002X Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2N7002X
Description  MOSFET( N-Channel )
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2N7002X Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2N7002X Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N7002X Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N7002X Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N7002X Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N7002X Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
06
12
18
0
2
4
6
02
46
0.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1E-3
0.01
0.1
1
01
23
45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
I
D
=50mA
I
D
=500mA
I
D
R
DS(ON)
——
T
a
=25℃
Pulsed
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)
3E-3
2
T
a
=25℃
Pulsed
0.3
0.03
V
SD
I
S ——
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=5V
V
GS
=10V,9V,8V,7V,6V
V
GS
=4V
V
GS
=3V
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
=5V
V
GS
=10V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
Typical Characteristics
ZZZFMHOHFFRP
3
H,Sep,2016


Similar Part No. - 2N7002X

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2N7002X DGNJDZ-2N7002X Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate MOSFETS
logo
Diodes Incorporated
2N7002XFB DIODES-2N7002XFB Datasheet
117Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
September 2011 Rev. 2 - 6
2N7002XFB-7 DIODES-2N7002XFB-7 Datasheet
117Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
September 2011 Rev. 2 - 6
More results

Similar Description - 2N7002X

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com