Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPT210N25NFD Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPT210N25NFD
Description  OptiMOS짧3 Power-Transistor, 250 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPT210N25NFD Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPT210N25NFD Datasheet HTML 2Page - Infineon Technologies AG IPT210N25NFD Datasheet HTML 3Page - Infineon Technologies AG IPT210N25NFD Datasheet HTML 4Page - Infineon Technologies AG IPT210N25NFD Datasheet HTML 5Page - Infineon Technologies AG IPT210N25NFD Datasheet HTML 6Page - Infineon Technologies AG IPT210N25NFD Datasheet HTML 7Page - Infineon Technologies AG IPT210N25NFD Datasheet HTML 8Page - Infineon Technologies AG IPT210N25NFD Datasheet HTML 9Page - Infineon Technologies AG IPT210N25NFD Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
OptiMOSª3Power-Transistor,250V
IPT210N25NFD
Rev.2.0,2016-01-11
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
1
2
3
4
5
0
50
100
150
200
10 V
8 V
7 V
6.5 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.drain-sourceonresistance
ID[A]
0
50
100
150
0
10
20
30
40
4.5 V
5 V
5.5 V
6 V
8 V
10 V
RDS(on)=f(ID);Tj=25°C;parameter:VGS
Diagram7:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
0
50
100
150
200
175 °C
25 °C
ID=f(VGS);|VDS|>2|ID|RDS(on)max;parameter:Tj
Diagram8:Typ.forwardtransconductance
ID[A]
0
40
80
120
160
0
20
40
60
80
100
120
140
160
180
200
gfs=f(ID);Tj=25°C


Similar Part No. - IPT210N25NFD

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT2006-BEA IPS-IPT2006-BEA Datasheet
209Kb / 4P
   High current density due to double mesa technology
IPT2006-BEB IPS-IPT2006-BEB Datasheet
209Kb / 4P
   High current density due to double mesa technology
IPT2006-CEA IPS-IPT2006-CEA Datasheet
209Kb / 4P
   High current density due to double mesa technology
IPT2006-CEB IPS-IPT2006-CEB Datasheet
209Kb / 4P
   High current density due to double mesa technology
IPT2006-DEA IPS-IPT2006-DEA Datasheet
209Kb / 4P
   High current density due to double mesa technology
More results

Similar Description - IPT210N25NFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT111N20NFD INFINEON-IPT111N20NFD Datasheet
1,010Kb / 10P
   OptiMOS짧3 Power-Transistor, 200 V
Rev.2.1,2016-02-23
IPB009N03LG INFINEON-IPB009N03LG_16 Datasheet
1Mb / 11P
   OptiMOS짧3 Power-Transistor, 30 V
Rev.2.0,2016-04-21
BSF450NE7NH3G INFINEON-BSF450NE7NH3G Datasheet
1Mb / 14P
   OptiMOS짧3 Power-MOSFET, 75 V
Rev.2.2,2015-03-30
BSC670N25NSFD INFINEON-BSC670N25NSFD Datasheet
932Kb / 11P
   OptiMOSTM3 Power-Transistor, 250 V
Rev.2.1,2016-12-05
BSC430N25NSFD INFINEON-BSC430N25NSFD Datasheet
942Kb / 11P
   MOSFET OptiMOSTMFD Power-Transistor, 250 V
Rev. 2.1, 2018-05-14
IPA600N25NM3S INFINEON-IPA600N25NM3S Datasheet
1Mb / 10P
   OptiMOSTM 3 Power-Transistor, 250 V
Rev. 2.1, 2019-09-02
IPTG210N25NM3FD INFINEON-IPTG210N25NM3FD Datasheet
1Mb / 11P
   OptiMOSTM 3 Power-Transistor, 250 V
Rev. 2.0, 2021-02-11
logo
Kemet Corporation
C44AFGR6250ZA0J KEMET-C44AFGR6250ZA0J Datasheet
77Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 250 uF, 5%, 400 V, 250 V
logo
Motorola, Inc
BUV22 MOTOROLA-BUV22 Datasheet
137Kb / 4P
   40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
logo
STMicroelectronics
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
   250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com