Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW65R048CFDA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPW65R048CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R048CFDA Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPW65R048CFDA Datasheet HTML 6Page - Infineon Technologies AG IPW65R048CFDA Datasheet HTML 7Page - Infineon Technologies AG IPW65R048CFDA Datasheet HTML 8Page - Infineon Technologies AG IPW65R048CFDA Datasheet HTML 9Page - Infineon Technologies AG IPW65R048CFDA Datasheet HTML 10Page - Infineon Technologies AG IPW65R048CFDA Datasheet HTML 11Page - Infineon Technologies AG IPW65R048CFDA Datasheet HTML 12Page - Infineon Technologies AG IPW65R048CFDA Datasheet HTML 13Page - Infineon Technologies AG IPW65R048CFDA Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
;;
!
" #
$ %&
)
-!
9 ?
:4!E
!
'
-!
9 ?
:4!E
!
'
-!
9 ?
:4!E
!
'
-!
9 ?
:4!E
!
'
7
77
7]]]] jD+k
jD+k
jD+k
jD+k
*%
%
&
;)
;
%
&
)
%
&
+
+)
+%
+
3
"
C@
7]"l , C
.
7() 9 ) 9
9 -
7() 9 ) 9
9 -
7() 9 ) 9
9 -
7() 9 ) 9
9 -
j k
j k
j k
j k
;
)
>
%
;
; ;
; )
; >
; %
;
+ --
+!--
+ --
+C@
"l > C
l
@C ;AQ
,
7() +!-- - !
4
'(
7() +!-- - !
4
'(
7() +!-- - !
4
'(
7() +!-- - !
4
'(
j k
j k
j k
j k
;
)
>
%
;
;
)
)
>
>
%
/!--C@
"


Similar Part No. - IPW65R048CFDA

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPW65R048CFDA ISC-IPW65R048CFDA Datasheet
375Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW65R048CFDAFKSA1 INFINEON-IPW65R048CFDAFKSA1 Datasheet
1Mb / 14P
   650V CoolMOS CFDA Power Transistor
2012-03-18 revision:2.0
More results

Similar Description - IPW65R048CFDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com