Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32936A3225 Datasheet(PDF) 11 Page - TDK Electronics

Part # B32936A3225
Description  Metallized Polyester Film Capacitors (MKT)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32936A3225 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32936A3225 Datasheet HTML 7Page - TDK Electronics B32936A3225 Datasheet HTML 8Page - TDK Electronics B32936A3225 Datasheet HTML 9Page - TDK Electronics B32936A3225 Datasheet HTML 10Page - TDK Electronics B32936A3225 Datasheet HTML 11Page - TDK Electronics B32936A3225 Datasheet HTML 12Page - TDK Electronics B32936A3225 Datasheet HTML 13Page - TDK Electronics B32936A3225 Datasheet HTML 14Page - TDK Electronics B32936A3225 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Body remperature should follow the description below:
MKP capacitor
During pre-heating: Tp
≤ 110 °C
During soldering: Ts
≤ 120 °C, t
s
≤ 45 s
MKT capacitor
During pre-heating: Tp
≤ 125 °C
During soldering: Ts
≤ 160 °C, t
s
≤ 45 s
When SMD components are used together with leaded ones, the film capacitors should not pass
into the SMD adhesive curing oven. The leaded components should be assembled after the SMD
curing step.
Leaded film capacitors are not suitable for reflow soldering.
For uncoated MKT capacitors with lead spacings
≤10 mm (B32560/B32561) the following mea-
sures are recommended:
pre-heating to not more than 110
°C in the preheater phase
rapid cooling after soldering
Please refer to EPCOS Film Capacitor Data Book in case more details are needed.
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 11 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32936A3225

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32936A3225 EPCOS-B32936A3225 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32936A3225 EPCOS-B32936A3225 Datasheet
289Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
B32936A3225 EPCOS-B32936A3225 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
B32936A3225 EPCOS-B32936A3225 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32936A3225 TDK-B32936A3225 Datasheet
285Kb / 16P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32936A3225

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com