Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41554E7478Q000 Datasheet(PDF) 7 Page - TDK Electronics

Part # B41554E7478Q000
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41554E7478Q000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B41554E7478Q000 Datasheet HTML 3Page - TDK Electronics B41554E7478Q000 Datasheet HTML 4Page - TDK Electronics B41554E7478Q000 Datasheet HTML 5Page - TDK Electronics B41554E7478Q000 Datasheet HTML 6Page - TDK Electronics B41554E7478Q000 Datasheet HTML 7Page - TDK Electronics B41554E7478Q000 Datasheet HTML 8Page - TDK Electronics B41554E7478Q000 Datasheet HTML 9Page - TDK Electronics B41554E7478Q000 Datasheet HTML 10Page - TDK Electronics B41554E7478Q000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
20 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
125
°C
A
Ordering code
VR = 16 V DC
10000
35.7
× 55.7
15
38
26
17
12
4.5
B41554E4109Q000
15000
35.7
× 80.7
12
26
21
23
16
5.8
B41554E4159Q000
22000
35.7
× 80.7
9.0
21
18
29
21
7.5
B41554E4229Q000
33000
35.7
× 105.7
7.0
17
15
30
24
8.7
B41554E4339Q000
47000
51.6
× 80.7
5.0
13
13
30
30
11
B41554E4479Q000
68000
64.3
× 80.7
4.0
13
11
40
38
14
B41554E4689Q000
100000
64.3
× 105.7
4.0
10
9.0
40
39
14
B41554E4100Q000
150000
76.9
× 105.7
4.0
10
8.0
40
40
16
B41554E4150Q000
220000
76.9
× 143.2
3.0
8.0
7.0
40
40
19
B41554B4220Q000
VR = 25 V DC
6800
35.7
× 55.7
16
32
27
18
13
4.7
B41554B5688Q000
10000
35.7
× 80.7
14
28
21
21
15
5.4
B41554E5109Q000
15000
35.7
× 80.7
11
24
17
26
19
6.8
B41554E5159Q000
22000
35.7
× 105.7
8.0
20
15
30
22
8.1
B41554E5229Q000
33000
51.6
× 80.7
6.0
15
12
30
29
10
B41554E5339Q000
47000
64.3
× 80.7
5.0
13
11
40
34
12
B41554E5479Q000
68000
64.3
× 105.7
5.0
11
9.0
40
35
13
B41554E5689Q000
100000
76.9
× 105.7
4.0
9.0
8.0
40
39
15
B41554E5100Q000
150000
76.9
× 143.2
4.0
7.0
6.0
40
40
19
B41554B5150Q000
VR = 40 V DC
4700
35.7
× 55.7
14
33
24
20
14
5.2
B41554E7478Q000
6800
35.7
× 80.7
12
28
17
24
16
6.2
B41554B7688Q000
10000
35.7
× 80.7
11
27
17
26
19
6.7
B41554E7109Q000
15000
35.7
× 105.7
8.0
20
12
30
22
8.0
B41554E7159Q000
22000
51.6
× 80.7
6.0
15
12
30
29
10
B41554E7229Q000
33000
64.3
× 80.7
5.0
11
10
40
34
12
B41554E7339Q000
47000
64.3
× 105.7
5.0
10
9.0
40
35
13
B41554E7479Q000
68000
76.9
× 105.7
4.0
9.0
8.0
40
39
15
B41554E7689Q000
100000
76.9
× 143.2
4.0
7.0
6.0
40
40
19
B41554B7100Q000
B41554
SIKOREL
125
°C
Page 7 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41554E7478Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41554E7478Q000 EPCOS-B41554E7478Q000 Datasheet
201Kb / 10P
   Highly professional power supplies
B41554E7478Q000 EPCOS-B41554E7478Q000 Datasheet
440Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41554E7478Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com