Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32776T4126K000 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32776T4126K000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32776T4126K000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B32776T4126K000 Datasheet HTML 3Page - TDK Electronics B32776T4126K000 Datasheet HTML 4Page - TDK Electronics B32776T4126K000 Datasheet HTML 5Page - TDK Electronics B32776T4126K000 Datasheet HTML 6Page - TDK Electronics B32776T4126K000 Datasheet HTML 7Page - TDK Electronics B32776T4126K000 Datasheet HTML 8Page - TDK Electronics B32776T4126K000 Datasheet HTML 9Page - TDK Electronics B32776T4126K000 Datasheet HTML 10Page - TDK Electronics B32776T4126K000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
1) Capacitance value measured at 1 kHz
2) Max ripple current IRMS at 70
°C, 10 kHz for ∆T ≤ 20 °C at ∆ESR
typ
≤ ±5%
3) Typical ESL value measured at resonance frequency (see specific graphs of Z vs freq)
Ordering codes and packing units (lead spacing 27.5 mm)
CR1)
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max2)
70
°C
10 kHz
A
ESRtyp
70
°C
10 kHz
m
ESLtyp3)
70
°C
10 kHz
nH
tan
δ
1 kHz
10-3
tan
δ
10 kHz
10-3
pcs.
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ =
Capacitance tolerance code:
J =
±5%
K =
±10%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
5.0 11.0
× 21.0 × 31.5
B32774D4505+000
5.0
21.1
19.0
1.2
10.7
2352
10.0 15.0
× 24.5 × 31.5
B32774D4106+000
8.0
10.9
24.0
1.2
11.0
1680
22.0 22.0
× 36.5 × 31.5
B32774D4226+000 14.5
5.4
30.0
1.3
12.1
784
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
3.0 11.0
× 21.0 × 31.5
B32774D8305+000
4.5
24.8
19.0
0.9
7.6
2352
5.0 14.0
× 24.5 × 31.5
B32774D8505+000
6.5
15.3
23.0
0.9
7.7
1848
12.0 22.0
× 36.5 × 31.5
B32774D8126+000 13.0
6.8
34.0
1.0
8.3
784
VR,70 °C = 1100 V DC, Vop,85 °C = 920 V DC
2.0 12.5
× 21.5 × 31.5
B32774D0205+000
4.5
26.3
19.0
0.7
5.3
2100
3.3 18.0
× 27.5 × 31.5
B32774D0335+000
7.0
16.2
22.0
0.7
5.4
1428
5.0 19.0
× 30.0 × 31.5
B32774D0505+000
9.0
10.9
27.0
0.7
5.5
896
7.0 22.0
× 36.5 × 31.5
B32774D0705+000 12.0
8.1
30.0
0.7
5.8
784
VR,70 °C = 1300 V DC, Vop,85 °C = 1100 V DC
1.5 12.5
× 21.5 × 31.5
B32774D1155K000
4.4
31.3
20.0
0.6
4.8
2100
3.0 18.0
× 27.5 × 31.5
B32774D1305K000
7.0
16.0
24.0
0.6
4.9
1428
5.0 22.0
× 36.5 × 31.5
B32774D1505K000 10.5
9.8
33.0
0.7
5.1
784
B32774
MKP DC link
high density series
up to 480
µF
Page 7 of 45
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32776T4126K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32776T4126K000 EPCOS-B32776T4126K000 Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32776T4126K000 TDK-B32776T4126K000 Datasheet
1Mb / 43P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32776T4126K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com