Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B33335 Datasheet(PDF) 2 Page - TDK Electronics

Part # B33335
Description  Film Capacitors ??AC Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B33335 Datasheet(HTML) 2 Page - TDK Electronics

  B33335 Datasheet HTML 1Page - TDK Electronics B33335 Datasheet HTML 2Page - TDK Electronics B33335 Datasheet HTML 3Page - TDK Electronics B33335 Datasheet HTML 4Page - TDK Electronics B33335 Datasheet HTML 5Page - TDK Electronics B33335 Datasheet HTML 6Page - TDK Electronics B33335 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Film Capacitors – AC Capacitors
B33335*
Motor run capacitors
CBB65A-1
CAP FILM T RD PD AC
July 2016
Please read Cautions and warnings and
Page 2 of 7
Important notes at the end of this document.
Construction
Metallized polypropylene film
Aluminum can and top
Filling material: soft polyurethane resin
Features
Self-healing properties
Low dissipation factor
Overpressure disconnection safety device
S2 safety class as per IEC-60252-1(ed-2) am1
High insulation resistance
EN 60335-1 compliance
Typical applications
For general sine wave application, mainly as motor run
Terminals
2+3+4 fast-on terminal 6.3 x 0.8mm (#250 style) others on request
Mounting Parts (optional)
Threaded stud at bottom of can (M8, Max torque= 5 Nm for 50 mm diameter)
Technical data and specifications
Reference standards
DIN EN 60252-1:2014-07, IEC 60252-1 (ed 2) am1
UL 810, GB/T3667.1
Safety class to IEC 60252-1 2013
S2
Life expectancy to IEC 60252-1 2013
450 V : 30000 h (Class A)
Rated capacitance CR
See table ordering code, page 5
Tolerance Tx
+/- 5%
Rated voltage Vrms
450 V , others on request
Rated frequency fR
50/60 Hz
Maximum ratings
Maximum permissible voltage Vmax
1.1
 VR
(VR = Rated voltage)
Maximum permissible current Imax
1.3
 IR
(IR = Rated current)


Similar Part No. - B33335

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B33331 TDK-B33331 Datasheet
256Kb / 7P
   Film Capacitors ??AC Capacitors
B33331I6105J0X TDK-B33331I6105J0X Datasheet
710Kb / 9P
   Film Capacitors – AC Capacitors
Sept. 2021 Version: 1.0
B33331I6106J0X TDK-B33331I6106J0X Datasheet
710Kb / 9P
   Film Capacitors – AC Capacitors
Sept. 2021 Version: 1.0
B33331I6126J0X TDK-B33331I6126J0X Datasheet
710Kb / 9P
   Film Capacitors – AC Capacitors
Sept. 2021 Version: 1.0
B33331I6156J0X TDK-B33331I6156J0X Datasheet
710Kb / 9P
   Film Capacitors – AC Capacitors
Sept. 2021 Version: 1.0
More results

Similar Description - B33335

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com