Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW50R190CE Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPW50R190CE
Description  500V CoolMOS짧 CE Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R190CE Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPW50R190CE Datasheet HTML 1Page - Infineon Technologies AG IPW50R190CE Datasheet HTML 2Page - Infineon Technologies AG IPW50R190CE Datasheet HTML 3Page - Infineon Technologies AG IPW50R190CE Datasheet HTML 4Page - Infineon Technologies AG IPW50R190CE Datasheet HTML 5Page - Infineon Technologies AG IPW50R190CE Datasheet HTML 6Page - Infineon Technologies AG IPW50R190CE Datasheet HTML 7Page - Infineon Technologies AG IPW50R190CE Datasheet HTML 8Page - Infineon Technologies AG IPW50R190CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IPW50R190CE,IPP50R190CE
Rev.2.2,2016-06-13
Final Data Sheet
PG-TO247
tab
PG-TO220
Drain
Pin 2
Gate
Pin 1
Source
Pin 3
MOSFET
500VCoolMOSªCEPowerTransistor
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.CoolMOS™CEseriescombinesthe
experienceoftheleadingSJMOSFETsupplierwithhighclassinnovation
whilerepresentingacostappealingalternativecomparedtostandard
MOSFETsintargetapplications.Theresultingdevicesprovideallbenefits
ofafastswitchingSJMOSFETwhilenotsacrificingeaseofuse.
Extremelylowswitchingandconductionlossesmakeswitching
applicationsevenmoreefficient,morecompact,lighterandcooler.
Features
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•Easytouse/drive
•Pb-freeplating,Halogenfreemoldcompound
•QualifiedforindustrialgradeapplicationsaccordingtoJEDEC(J-STD20
andJESD22)
Applications
PFCstages,hardswitchingPWMstagesandresonantswitchingPWM
stagesfore.g.PCSilverbox,LCD&PDPTVandLighting.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
550
V
RDS(on),max
0.19
ID
24.8
A
Qg.typ
47.2
nC
ID,pulse
63
A
Eoss@400V
4.42
µJ
Type/OrderingCode
Package
Marking
RelatedLinks
IPW50R190CE
PG-TO 247
IPP50R190CE
PG-TO 220
5R190CE
see Appendix A


Similar Part No. - IPW50R190CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW50R190CE INFINEON-IPW50R190CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPW50R190CE INFINEON-IPW50R190CE Datasheet
879Kb / 20P
   500V Superjunction MOSFET for Consumer and Lighting Applications
V1.0 April 2012
IPW50R190CE INFINEON-IPW50R190CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-08-20
logo
Inchange Semiconductor ...
IPW50R190CE ISC-IPW50R190CE Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW50R190CE INFINEON-IPW50R190CE_15 Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-08-20
More results

Similar Description - IPW50R190CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPN50R1K4CE INFINEON-IPN50R1K4CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPP50R380CE INFINEON-IPP50R380CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
IPA50R380CE INFINEON-IPA50R380CE_16 Datasheet
953Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPU50R2K0CE INFINEON-IPU50R2K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPAN50R500CE INFINEON-IPAN50R500CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com