Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF33U Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SF33U
Description  3.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SF33U Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SF33U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SF33U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
SF38U
SF36U
SF35U
SF34U
SF33U
SF32U
SF31U
SF31G U THRU SF38G U
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-201AD
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRRM
50
100
150
200
300
400
600
V
VRMS
35
70
104
140
210
280
420
V
VDC
50
100
150
200
300
400
600
V
IO
A
IFSM
A
VFM
1.7
V
CJ
pF
RθJA
/W
Trr
ns
TJ
Features
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current.375"(9.5mm) lead length @TA=50
3.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load
(JEDEC Method)
150
Forward Voltage
@IF=3.0A
0.95
1.25
Peak Reverse Current
@TA=25
5.0
At Rated DC Blocking Voltage @TA=100
100
Typical Junction Capacitance (Note 1)
80
60
Typical Thermal Resistance Junction to
Ambient(Note 2)
35
Maximum Reverse Recovery Time(Note 3)
35
Operating Temperature Range
-55 to +150
/Storage Temperature Range
-55 to +150
Note:1. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
2. Leads maintained at ambient temperature at a distance of 9.5mm from the case
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
version:01
1of2
www.dyelec.com
IR
uA
TSTG
3.0 AMPS. Glass Passivated Super Fast Rectifiers
Plastic material-UL
94V-0
·
flammability
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)


Similar Part No. - SF33U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF33U DYELEC-SF33U Datasheet
565Kb / 2P
   3 .0 AMP. Super Fast Rectifiers
More results

Similar Description - SF33U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF31G DYELEC-SF31G Datasheet
612Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF31G JGD-SF31G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAD301G TSC-SFAD301G Datasheet
114Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_1 Datasheet
258Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_10 Datasheet
584Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
FR301G TSC-FR301G_10 Datasheet
541Kb / 2P
   3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR301G TSC-FR301G Datasheet
65Kb / 2P
   3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR301G JGD-FR301G Datasheet
145Kb / 2P
   3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR301G TSC-FR301G_1 Datasheet
206Kb / 2P
   3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com