Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB320 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SB320
Description  3.0 AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB320 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SB320 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB320 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
version:01
1of2
SB
SB320 THRU SB32 0
0.95
5.0
Forward Voltage
@IF=3.0A
•Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame Retardant Epoxy Molding Compound.
• Guard ring for overvoltage protection
• High current capability, low forward voltage drop
• Low power loss, high efficiency
• High surge capability
Mechanical Data
· Case: Molded plastic DO-201AD
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Features
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
SB
320
SB
330
SB
340
SB
350
SB
360 380
SB
3100
SB
3150
SB
3200
Unit
VRRM
20
30
40
50
60 80
100
150 200
V
VRMS
14
21
28
35
42 56
70
105 140
V
VDC
20
30
40
50
60 80
100
150 200
V
IO
A
IFSM
A
VFM
0.92
V
C
pF
℃/W
TJ
TSTG
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
0.55
0.70
80
At Rated DC Blocking Voltage @TA=100℃
160
10.0
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance Junction to
Ambient(Note 1)
Operating Temperature Range
Storage Temperature Range
Maximum Ratings and Electrical Characteristics
3.0
Maximum Recurrent Peak Reverse Voltage
-55 to + 150
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@TA=75℃
250
0.85
40
Type Number
-55 to + 150
0.1
IR
mA
Peak Reverse Current
@TA=25℃
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
www.dyelec.com
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
RθJA
0.05
3.0 AMP. Schottky Barrier Rectifiers
J
5
5
SB
3250
250
175
250
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)
SB
345
45
31.5
45


Similar Part No. - SB320

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB320 DIOTEC-SB320 Datasheet
92Kb / 2P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SB320 KEXIN-SB320 Datasheet
776Kb / 2P
   Schottky Diodes
logo
Fairchild Semiconductor
SB320 FAIRCHILD-SB320 Datasheet
45Kb / 3P
   Schottky Rectifiers
More results

Similar Description - SB320

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
   3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100.VF0.751 DGNJDZ-SR3100.VF0.751 Datasheet
239Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR360-3A-DO-27 DGNJDZ-SR360-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
1N5820U DYELEC-1N5820U Datasheet
708Kb / 2P
   3.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com