Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER308 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # HER308
Description  3 .0 AMP. High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

HER308 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  HER308 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. HER308 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
/W
1.0
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-201AD
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
HER
301
HER
302
HER
303
HER
304
HER
305
HER
306
HER
307
HER
308
Unit
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
630
700
V
VDC
50
100
200
300
400
600
800
1000
V
IO
A
IFSM
A
VFM
V
CJ
pF
RθJA
Trr
ns
TJ
TSTG
IR
uA
Note: 1. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
/Storage Temperature Range
-55 to +150
2. Leads maintained at ambient temperature at a distance of 9.5mm from the case
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
version:01
1of2
www.dyelec.com
Typical Thermal Resistance Junction to
Ambient(Note 2)
25
Maximum Reverse Recovery Time(Note 3)
50
75
Operating Temperature Range
-55 to +125
Peak Reverse Current
@TA=25
5.0
At Rated DC Blocking Voltage @TA=100
100
Typical Junction Capacitance (Note 1)
50
30
Peak Forward Surge Current 8.3ms Single
half sine-wave superimposed on rated load
(JEDEC Method)
125
Forward Voltage
@IF=3.0A
1.3
1.7
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current.375"(9.5mm) lead length@TA=55
3.0
HER301 THRU HER308
Features
Maximum Ratings and Electrical Characteristics
3 .0 AMP. High Efficient Rectifiers
Plastic material-UL
94V-0
·
flammability
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)


Similar Part No. - HER308

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER308 MOSPEC-HER308 Datasheet
126Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Shenzhen Yixinwei Techn...
HER308 YIXIN-HER308 Datasheet
255Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER308 MCC-HER308 Datasheet
261Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER308 MCC-HER308 Datasheet
89Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Compact Technology Corp...
HER308 CTC-HER308 Datasheet
85Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER308

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
HER301U DYELEC-HER301U Datasheet
515Kb / 2P
   .0 AMP. High Efficient Rectifiers
HER301GU DYELEC-HER301GU Datasheet
549Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
HER301G DYELEC-HER301G Datasheet
547Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
HER601 DYELEC-HER601 Datasheet
848Kb / 2P
   6 .0 AMP. High Efficient Rectifiers
MUR505 DYELEC-MUR505 Datasheet
666Kb / 2P
   5 .0 AMP. High Efficient Rectifiers
HER501 DYELEC-HER501 Datasheet
453Kb / 2P
   5 .0 AMP. High Efficient Rectifiers
logo
DIOTEC Electronics Corp...
SPR30 DEC-SPR30 Datasheet
486Kb / 2P
   3 AMP SUPER-EFFICIENT RECTIFIERS
SESA-300-1B DEC-SESA-300-1B Datasheet
395Kb / 2P
   3 AMP SUPER-EFFICIENT RECTIFIERS
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_1 Datasheet
264Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com