Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR305G Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # FR305G
Description  3 .0 AMP F ast Rectifiers Recovery G lass
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

FR305G Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  FR305G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. FR305G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-201AD
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL FR301G FR302G
FR303G
FR304G FR305G FR306G FR307G
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IO
A
IFSM
A
VFM
V
CJ
pF
RθJA
/W
Trr
250
ns
TJ
FR301G
THRU FR307G
3
Features
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current.375"(9.5mm) lead length@TA=55
3.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load
(JEDEC Method)
125
Forward Voltage
@IF=3.0A
1.3
Peak Reverse Current
@TA=25
5.0
At Rated DC Blocking Voltage @TA=100
100
Typical Junction Capacitance (Note 1)
65
40
Typical Thermal Resistance Junction to
Ambient(Note 2)
25
Maximum Reverse Recovery Time(Note 3)
150
500
Operating Temperature Range
-55 to +150
Storage Temperature Range
-55 to +150
Note:1. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
2. Leads maintained at ambient temperature at a distance of 9.5mm from the case
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
version:01
1of2
www.dyelec.com
IR
uA
TSTG
.0
Plastic material-UL
94V-0
·
flammability
AMP
Fast
Rectifiers
Recovery
G lass
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)


Similar Part No. - FR305G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR305G RECTRON-FR305G Datasheet
238Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Microdiode Electronics ...
FR305G CHENDA-FR305G Datasheet
534Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
RFE international
FR305G RFE-FR305G Datasheet
2Mb / 3P
   Fast Recovery Rectifier FR301G Through FR307G
22-09-2022
logo
DAESAN ELECTRONIC CORP.
FR305G DAESAN-FR305G Datasheet
316Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Shenzhen Taychipst Elec...
FR305G TAYCHIPST-FR305G Datasheet
1Mb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR305G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
FR301GU DYELEC-FR301GU Datasheet
536Kb / 2P
   3 .0 AMP F ast Rectifiers Recovery G lass
FR601G DYELEC-FR601G Datasheet
595Kb / 2P
   6.0 AMP F ast Rectifiers Recovery G lass
HER301GU DYELEC-HER301GU Datasheet
549Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
HER301G DYELEC-HER301G Datasheet
547Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
logo
Shenzhen Luguang Electr...
ERC25-04 LUGUANG-ERC25-04 Datasheet
1Mb / 2P
   F ast Recovery Rectifiers
logo
DIYI Electronic Technol...
UF5400G DYELEC-UF5400G Datasheet
585Kb / 2P
   3.0 AMP. Ultra Fast Rectifiers G lass
UF5400GU DYELEC-UF5400GU Datasheet
586Kb / 2P
   3.0 AMP. Ultra Fast Rectifiers G lass
HER601G DYELEC-HER601G Datasheet
881Kb / 2P
   6.0 AMP. High Efficient Rectifiers G lass
HER101G DYELEC-HER101G Datasheet
750Kb / 2P
   1.0 AMP lass High Efficient Rectifiers
1F1G DYELEC-1F1G Datasheet
522Kb / 2P
   1.0 A M P G lass Fa s t Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com