Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER301 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # HER301
Description  3 .0 AMP. High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

HER301 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  HER301 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. HER301 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
2of2
www.dyelec.com
HER301 THRU HER308
FIG.1- MAXIMUM AVERAGE
FORWARD CURRENT DERATING
FIG.2- TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
0.01
0.1
1
10
100
T =25 C
0
HER305
HER306~HER308
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500
25
0
50
75
100
125
150
175
HER301~HER305
HER306~HER308
A
AMBIENT TEMPERATURE (
)
C
°
1.0
0
25
2.0
3.0
50
75
100
125
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE (V)
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE (V)
0.6
0.8
1.0
1.2
1.4
1
10
1000
100
75
0
150
225
25
50
100
125
175
200


Similar Part No. - HER301

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HER301 DIOTECH-HER301 Datasheet
820Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
Mospec Semiconductor
HER301 MOSPEC-HER301 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Jiangsu High diode Semi...
HER301 HDSEMI-HER301 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
logo
DIOTEC Electronics Corp...
HER301 DEC-HER301 Datasheet
820Kb / 2P
   Ultra fast switching for high efficiency
logo
Leshan Radio Company
HER301 LRC-HER301 Datasheet
64Kb / 2P
   3A High Efficiency Diodes
More results

Similar Description - HER301

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
HER301U DYELEC-HER301U Datasheet
515Kb / 2P
   .0 AMP. High Efficient Rectifiers
HER301GU DYELEC-HER301GU Datasheet
549Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
HER301G DYELEC-HER301G Datasheet
547Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
HER601 DYELEC-HER601 Datasheet
848Kb / 2P
   6 .0 AMP. High Efficient Rectifiers
MUR505 DYELEC-MUR505 Datasheet
666Kb / 2P
   5 .0 AMP. High Efficient Rectifiers
HER501 DYELEC-HER501 Datasheet
453Kb / 2P
   5 .0 AMP. High Efficient Rectifiers
logo
DIOTEC Electronics Corp...
SPR30 DEC-SPR30 Datasheet
486Kb / 2P
   3 AMP SUPER-EFFICIENT RECTIFIERS
SESA-300-1B DEC-SESA-300-1B Datasheet
395Kb / 2P
   3 AMP SUPER-EFFICIENT RECTIFIERS
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_1 Datasheet
264Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com