Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMC3AM832 Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXMC3AM832
Description  MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC3AM832 Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXMC3AM832 Datasheet HTML 2Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 3Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 4Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 5Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 6Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 7Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 8Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 9Page - Zetex Semiconductors ZXMC3AM832 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXMC3AM832
PROVISIONAL ISSUE E - JULY 2004
9
0.1
1
10
0
50
100
150
200
250
300
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
-V
DS -Drain -Source Voltage (V)
02
46
0
2
4
6
8
10
I
D
= -1.4A
V
DS
= -15V
Gate-Source VoltagevGateCharge
Capacitance v Drain-Source Voltage
Q- Charge (nC)
P-CHANNEL TYPICAL CHARACTERISTICS


Similar Part No. - ZXMC3AM832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3AM832TA DIODES-ZXMC3AM832TA Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3AM832TC DIODES-ZXMC3AM832TC Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMC3AM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3AM832 ZETEX-ZXMN3AM832 Datasheet
201Kb / 7P
   MPPS Miniature Package Power Solutions DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXSDS2M832 ZETEX-ZXSDS2M832 Datasheet
202Kb / 6P
   MPPS Miniature Package Power Solutions
ZXMP62M832 ZETEX-ZXMP62M832 Datasheet
286Kb / 7P
   MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXTD4591AM832 DIODES-ZXTD4591AM832 Datasheet
842Kb / 10P
   MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
logo
Zetex Semiconductors
ZXMNS3BM832TA ZETEX-ZXMNS3BM832TA Datasheet
131Kb / 5P
   MPPS??Miniature Package Power Solutions 30V N Channel MOSFET & 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
   30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
   30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
logo
Zetex Semiconductors
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com