Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YG225D2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # YG225D2
Description  FAST RECOVERY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YG225D2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  YG225D2 Datasheet HTML 1Page - List of Unclassifed Manufacturers YG225D2 Datasheet HTML 2Page - List of Unclassifed Manufacturers YG225D2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
YG225C2,N2,D2 (10A)
(200V / 10A)
FAST RECOVERY DIODE
Outline drawings, mm
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Isolating voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
Viso
IO
IFSM
Tj
Tstg
Conditions
70
+150
-40 to +150
Unit
V
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop **
Reverse current
**
Reverse recovery time
Thermal resistance
Symbol
VFM
IRRM
trr
Rth(j-c)
Conditions
IFM=2.5A
VR=VRRM
IF=0.1A, IR=0.1A, Irec=0.01A
Junction to case
Max.
1.3
50
0.4
3.5*
Unit
V
µA
µs
°C/W
Square wave, duty=1/2, Tc=95°C
Sine wave 10ms
Rating
200
250
1500
10*
Connection diagram
*Average forward current of centertap full wave connection
JEDEC
EIAJ
SC-67
10±0.5
2.54±0.2
0.7±0.2
1.2±0.2
2.7±0.2
0.6
2.7±0.2
4.5±0.2
ø3.2
+0.2
-0.1
+0.2
-0
Applications
High speed switching
Maximum ratings and characteristics
Absolute maximum ratings
Features
Insulated package by fully molding
High voltage by mesa design
High reliability
Mechanical characteristics
Mounting torque
Approximate weight
N·m
g
0.3 to 0.5
2.3
Recommended torque
** Rating per element
Terminals-to-Case, AC.1min
YG225C2
YG225N2
YG225D2
1
1
1
2
2
2
3
3
3


Similar Part No. - YG225D2

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
YG225D2 THINKISEMI-YG225D2 Datasheet
668Kb / 2P
   10 Ampere Insulated Tandem Polarity Fast Recovery Half Bridge Rectifiers
More results

Similar Description - YG225D2

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com