Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHE-1000 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SHE-1000
Description  High Reliability with Clean Efficient Power Transfer for Optimal Performance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SHE-1000 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SHE-1000 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777
Tel
Fax 516-239-7208
4
High Reliability with Clean Efficient Power Transfer for Optimal Performance
c
50/60Hz
50/60Hz
Indicates like polarity
50/60 Hz
115V
115V
0V
50/60 Hz
0V
115V
115V
0V
100V
0V
Primary
Secondary
Primary
Secondary
ESS
250
(137.2)
(101.6)
(120.7)
2.88
(73.2)
11.75
(5.33)
500
(137.2)
5.00
(127.0)
(120.7)
3.88
(98.6)
17.56
(7.97)
750
(137.2)
6.00
(120.7)
22.62
(10.26)
1000
7.70
(195.6)
5.50
(139.7)
6.63
5.75
(111.3)
(15.79)
1500
7.70
(195.6)
6.00
6.63
5.75
(120.7)
(18.82)
2000
7.70
(195.6)
6.50
(165.1)
6.63
5.75
5.25
(21.78)
2500
7.70
(195.6)
7.00
(177.8)
6.63
5.75
5.75
(25.65)
250
500
750
1000
1500
2000
2500


Similar Part No. - SHE-1000

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
SHE1 CIT-SHE1 Datasheet
269Kb / 3P
   CIT SWITCH
logo
AUK corp
SHE113MD AUK-SHE113MD Datasheet
269Kb / 4P
   High Efficiency LED Lamp
SHE113MD AUK-SHE113MD Datasheet
270Kb / 4P
   High Efficiency LED Lamp
SHE113MD-B AUK-SHE113MD-B Datasheet
269Kb / 4P
   High Efficiency LED Lamp
SHE113MD-B AUK-SHE113MD-B Datasheet
270Kb / 4P
   High Efficiency LED Lamp
More results

Similar Description - SHE-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
   Optimal cooling performance.
logo
STMicroelectronics
AN4427 STMICROELECTRONICS-AN4427 Datasheet
1Mb / 19P
   Gasket design for optimal acoustic performance
logo
List of Unclassifed Man...
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
   Optimal cooling performance
logo
NXP Semiconductors
MC56F823XX NXP-MC56F823XX_V01 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
logo
Analog Devices
AN-940 AD-AN-940 Datasheet
169Kb / 12P
   Low Noise Amplifier Selection Guide for Optimal Noise Performance
REV. D
logo
BRIGHT LED ELECTRONICS ...
BWL-2B1B01-H1 BRIGHT-BWL-2B1B01-H1 Datasheet
773Kb / 4P
   1W AlInGaN Blue Low power consumption Efficient heat transfer.
BWL-2B1A01-H1 BRIGHT-BWL-2B1A01-H1 Datasheet
223Kb / 4P
   1W AlInGaN White High lumen output Efficient heat transfer.
BWL-2B1B01 BRIGHT-BWL-2B1B01 Datasheet
183Kb / 4P
   1W AlInGaN Blue High lumen output Efficient heat transfer.
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71 Datasheet
598Kb / 5P
   3.3V LVDS Oscillator for High Speed Data Transfer with Power Saving
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com