Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1248ACPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1248ACPE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248ACPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1248ACPE Datasheet HTML 6Page - Maxim Integrated Products MAX1248ACPE Datasheet HTML 7Page - Maxim Integrated Products MAX1248ACPE Datasheet HTML 8Page - Maxim Integrated Products MAX1248ACPE Datasheet HTML 9Page - Maxim Integrated Products MAX1248ACPE Datasheet HTML 10Page - Maxim Integrated Products MAX1248ACPE Datasheet HTML 11Page - Maxim Integrated Products MAX1248ACPE Datasheet HTML 12Page - Maxim Integrated Products MAX1248ACPE Datasheet HTML 13Page - Maxim Integrated Products MAX1248ACPE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
plest software interface requires only three 8-bit transfers
to perform a conversion (one 8-bit transfer to configure
the ADC, and two more 8-bit transfers to clock out the
10-bit conversion result). See Figure 19 for MAX1248/
MAX1249 QSPI connections.
Simple Software Interface
Make sure the CPU’s serial interface runs in master
mode so the CPU generates the serial clock. Choose a
clock frequency from 100kHz to 2MHz.
1) Set up the control byte for external clock mode and
call it TB1. TB1 should be of the format: 1XXXXX11
binary, where the Xs denote the particular channel
and conversion mode selected.
2) Use a general-purpose I/O line on the CPU to pull
CS low.
3) Transmit TB1 and, simultaneously, receive a byte
and call it RB1. Ignore RB1.
4) Transmit a byte of all zeros ($00 hex) and, simulta-
neously, receive byte RB2.
5) Transmit a byte of all zeros ($00 hex) and, simulta-
neously, receive byte RB3.
6) Pull CS high.
Figure 5 shows the timing for this sequence. Bytes RB2
and RB3 contain the result of the conversion padded
with one leading zero, two sub-bits, and three trailing
zeros. The total conversion time is a function of the
serial-clock frequency and the amount of idle time
between 8-bit transfers. To avoid excessive T/H droop,
make sure the total conversion time does not exceed
120µs.
Digital Output
In unipolar input mode, the output is straight binary
(Figure 16). For bipolar inputs, the output is two’s com-
plement (Figure 17). Data is clocked out at the falling
edge of SCLK in MSB-first format.
Clock Modes
The MAX1248/MAX1249 may use either an external
serial clock or the internal clock to perform the succes-
sive-approximation conversion. In both clock modes,
the external clock shifts data in and out of the
MAX1248/MAX1249. The T/H acquires the input signal
as the last three bits of the control byte are clocked into
DIN. Bits PD1 and PD0 of the control byte program the
clock mode. Figures 6–9 show the timing characteristics
common to both modes.
External Clock
In external clock mode, the external clock not only shifts
data in and out, it also drives the analog-to-digital con-
version steps. SSTRB pulses high for one clock period
after the last bit of the control byte. Successive-approxi-
mation bit decisions are made and appear at DOUT on
each of the next 10 SCLK falling edges (Figure 5).
SSTRB and DOUT go into a high-impedance state when
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
10
______________________________________________________________________________________
SEL2
SEL1
SEL0
CH0
CH1
CH2
CH3
COM
0
0
1
+
1
0
1
+
0
1
0
+
1
1
0
+
Table 2. Channel Selection in Single-Ended Mode (SGL/
D
DIIF
F = 1)
SEL2
SEL1
SEL0
CH0
CH1
CH2
CH3
0
0
1
+
0
1
0
+
1
0
1
+
1
1
0
+
Table 3. Channel Selection in Differential Mode (SGL/
D
DIIF
F = 0)


Similar Part No. - MAX1248ACPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX1248-MAX1249 MAXIM-MAX1248-MAX1249 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
More results

Similar Description - MAX1248ACPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com