Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD-150B-12 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

Part # TSD-150B-12
Description  DC TO DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TSD-150B-12 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  TSD-150B-12 Datasheet HTML 1Page - Technology Dynamics Inc. TSD-150B-12 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Temperature: 0°C to +55°C (standard)
RUGGED CONSTRUCTION, ENCLOSED
25-150 Watts
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
Design Excellence since 1976!
TSD SERIES
SINGLE OUTPUT
DC TO DC CONVERTERS
SPECIFICATIONS
ELECTRICAL
Input: 9-18 VDC (A), 18-36 VDC (B),
36-72 VDC (C) or 72-144 VDC(D)
MECHANICAL & ENVIRONMENTAL
APPLICATIONS
The TSD family of DC-DC Converters was
designed to satisfy a market for low, cost
high reliability applications. The TSD series
is especially suitable for critical telcom,
medical, automotive and robotic applications.
Most models in stock and immediate delivery.
Rack mount or custom configurations available.
STANDARD FEATURES
AVAILABLE OPTIONS
Line Regulation: ± .5%
Load Regulation: ± .5%
Ripple: 1% peak to peak, not to exceed 100mV
Efficiency: 80% typical
Hold Up Time: 20ms (minimum)
Protection: OV, OL and OT
Storage Temperature: -40°C to +85°C
Cooling: Convection Cooled
AS 9100
CertificateNo:US008267-1
Compact, Light Weight
Tightly Regulated Output
OV/OL/OT Protected
Terminal Block Connection
LED Indicator Output Power Good
±5% Output Adjustment
Output Isolated
MTBF >250,000 Hours
Meets FCC Docket 20780
Level A and VDE 0871/6.78 Level A
UL1950, CSA, 22.2
Meets NEBS
Parallel Operation
Redundant Operation (N+1)
Ruggedized for Severe Environment
Conformal Coating
Rack/Panel Mount
Low Voltage Battery Disconect


Similar Part No. - TSD-150B-12

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
TSD-1551 PMI-TSD-1551 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
TSD-1552 PMI-TSD-1552 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
More results

Similar Description - TSD-150B-12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCN-0512DF TDK-CCN-0512DF Datasheet
193Kb / 11P
   DC to DC Converters
CAK-001 TDK-CAK-001 Datasheet
145Kb / 2P
   TDK DC to DC Converters, DC to AC inverters
CD-1601N TDK-CD-1601N Datasheet
757Kb / 9P
   TDK DC to DC Converters, DC to AC Inverters
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
E03-56M1 ETC-E03-56M1 Datasheet
60Kb / 1P
   3 WATT DC TO DC CONVERTERS
logo
Tumbler Technologies + ...
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
logo
TDK Electronics
CCG TDK-CCG Datasheet
3Mb / 8P
   1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com