Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65011RGZ Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65011RGZ
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65011RGZ Datasheet(HTML) 5 Page - Texas Instruments

  TPS65011RGZ Datasheet HTML 1Page - Texas Instruments TPS65011RGZ Datasheet HTML 2Page - Texas Instruments TPS65011RGZ Datasheet HTML 3Page - Texas Instruments TPS65011RGZ Datasheet HTML 4Page - Texas Instruments TPS65011RGZ Datasheet HTML 5Page - Texas Instruments TPS65011RGZ Datasheet HTML 6Page - Texas Instruments TPS65011RGZ Datasheet HTML 7Page - Texas Instruments TPS65011RGZ Datasheet HTML 8Page - Texas Instruments TPS65011RGZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
www.ti.com
TPS65011
SLVS501 – FEBRUARY 2004
ELECTRICAL CHARACTERISTICS (continued)
V
I(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0
°C <T
A <85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(CORE) = 2.5 V to 6.0 V;
0%
3%
IO= 0 mA, CO= 22 µF
0.85 V
VI(CORE) = 2.5 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 400 mA, CO= 22 µF
VI(CORE) = 2.5 V to 6.0 V;
0%
3%
IO= 0 mA, CO= 22 µF
1.0 V
VI(CORE) = 2.5 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 400 mA, CO= 22 µF
VI(CORE) = 2.5 V to 6.0 V;
0%
3%
IO= 0 mA, CO= 22 µF
1.1 V
VI(CORE) = 2.5 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 400 mA, CO= 22 µF
VI(CORE) = 2.5 V to 6.0 V; IO= 0 mA
0%
3%
1.2 V
VO(CORE)
Fixed output voltage
VI(CORE) = 2.5 V to 6.0 V; 0 mA ≤ IO≤ 400 mA
3%
3%
VI(CORE) = 2.5 V to 6.0 V; IO= 0 mA
0%
3%
1.3 V
VI(CORE) = 2.5 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 400 mA
VI(CORE) = 2.5 V to 6.0 V; IO= 0 mA
0%
3%
1.4 V
VI(CORE) = 2.5 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 400 mA
VI(CORE) = 2.5 V to 6.0 V; IO= 0 mA
0%
3%
1.5 V
VI(CORE) = 2.5 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 400 mA
VI(CORE) = 2.5 V to 6.0 V; IO= 0 mA
0%
3%
1.8 V
VI(CORE) = 2.5 V to 6.0 V;
3%
3%
0 mA
≤ I
O≤ 400 mA
VI(CORE) = VO(MAIN) + 0.5 V
Line regulation
1
%/V
(min. 2.5 V) to 6.00 V, IO = 10 mA
Load regulation
IO = 10 mA to 400 mA
0.002
%/mA
R(VCORE)
VCORE discharge resistance
400
VLDO1 and VLDO2 LOW-DROPOUT REGULATORS
LD01
1.8
6.5
VI
Input voltage range
V
LD02
1.8
VCC
VO
LDO1 output voltage range
0.9
VINLDO1
V
Vref
Reference voltage
485
500
515
mV
VO
LDO2 output voltage range
1.8
3.0
V
Full-power mode
200
IO
Maximum output current
mA
Low-power mode
30
I(SC)
LDO1 & LDO2 short-circuit current limit
VLDO1 = GND, VLDO2 = GND
650
mA
Dropout voltage
IO= 200 mA, VINLDO1,2 = 1.8 V
300
mV
Total accuracy
±3%
VINLDO1,2 = VLDO1,2 + 0.5 V
Line regulation
0.75
%/V
(min. 2.5 V) to 6.5 V, IO = 10 mA
Load regulation
IO = 10 mA to 200 mA
0.011
%/mA
Load change from 10% to 90%
0.1
Regulation time
ms
Low-power mode
0.1
I(QFP)
LDO quiescent current (each LDO)
Full-power mode
16
30
µA
I(QLPM)
LDO quiescent current (each LDO)
Low-power mode
12
18
µA
IO(SD)
LDO shutdown current (each LDO)
0.1
1
µA
Ilkg(FB)
Leakage current feedback
0.01
0.1
µA
5


Similar Part No. - TPS65011RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65011RGZR TI1-TPS65011RGZR Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65011RGZRG4 TI1-TPS65011RGZRG4 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
More results

Similar Description - TPS65011RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65010 TI1-TPS65010_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com