Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD-WM-BBU-12-50 Datasheet(PDF) 2 Page - Technology Dynamics Inc.

Part # TD-WM-BBU-12-50
Description  BATTERY BACK-UP POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TD-WM-BBU-12-50 Datasheet(HTML) 2 Page - Technology Dynamics Inc.

  TD-WM-BBU-12-50 Datasheet HTML 1Page - Technology Dynamics Inc. TD-WM-BBU-12-50 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
division of
APPLIED POWER CONVERSION
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
Website: www.theallpower.com
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
MECHANICAL OUTLINE
400 WATT POWER SUPPLY
MODEL
400 WATTS BACK-UP FOR 60 MIN
OUTPUT
TD-WM-BBU-12-33
12V
(13.5V) @ 33A
TD-WM-BBU-24-17
TD-WM-BBU-48-8
24V
(27.6V) @ 17A
48V
(54V) @ 8A
MODEL
600 WATT POWER SUPPLY
OUTPUT
600 WATTS BACK-UP FOR 50 MIN
TD-WM-BBU-12-50
12V
(13.5V) @ 50A
TD-WM-BBU-24-25
TD-WM-BBU-48-12
24V
(27.6V) @ 25A
48V
(54V) @ 12A
MODEL
800 WATT POWER SUPPLY
OUTPUT
800 WATTS BACK-UP FOR 30 MIN
TD-WM-BBU-24-66
12V
(27.6V) @ 66A
TD-WM-BBU-24-33
TD-WM-BBU-48-16
24V
(27.6V) @ 33A
48V
(54V) @ 16A
MODEL
1000 WATT POWER SUPPLY
OUTPUT
1000 WATTS BACK-UP FOR 15 MIN
TD-WM-BBU-24-41
TD-WM-BBU-48-20
24V
(27.6V) @ 41A
48V
(54V) @ 20A
TD-WM-BBU-12-80
12V
(13.5V) @ 80A
MODEL
1500 WATT POWER SUPPLY
OUTPUT
1500 WATTS BACK-UP FOR 5 MIN
TD-WM-BBU-12-125
12V
(13.5V) @ 125A
TD-WM-BBU-48-32
24V
(27.6V) @ 63A
48V
(54V) @ 32A
TD-WM-BBU-24-63
ADDITIONAL SIZE BOXES ARE AVAILABLE FOR
INCREASED POWER LEVELS AND BACK-UP TIMES.
MINIMUM QUANTITY PURCHASE REQUIRED ON
MOST MODELS. OTHER VOLTAGES & CURRENTS ARE
AVAILABLE CONTACT THE FACTORY FOR DETAILS.
NOTES:


Similar Part No. - TD-WM-BBU-12-50

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
TD-W8816 TP-LINK-TD-W8816 Datasheet
2Mb / 5P
   Wireless Travel Router
More results

Similar Description - TD-WM-BBU-12-50

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-BX-BBU-12-33 TECHNOLOGY-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-TC-BBU-12-50 TAB-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
   Battery Back-up Circuit
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673 INTERSIL-ICL7673 Datasheet
144Kb / 7P
   Automatic Battery Back-Up Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com