Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41792C8108Q001 Datasheet(PDF) 7 Page - TDK Electronics

Part # B41792C8108Q001
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41792C8108Q001 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B41792C8108Q001 Datasheet HTML 3Page - TDK Electronics B41792C8108Q001 Datasheet HTML 4Page - TDK Electronics B41792C8108Q001 Datasheet HTML 5Page - TDK Electronics B41792C8108Q001 Datasheet HTML 6Page - TDK Electronics B41792C8108Q001 Datasheet HTML 7Page - TDK Electronics B41792C8108Q001 Datasheet HTML 8Page - TDK Electronics B41792C8108Q001 Datasheet HTML 9Page - TDK Electronics B41792C8108Q001 Datasheet HTML 10Page - TDK Electronics B41792C8108Q001 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
25
1100
12
× 30
B41692C5118Q001 B41692C5118Q003 B41792C5118Q001
1300
14
× 25
B41692C5138Q001 B41692C5138Q003 B41792C5138Q001
2400
18
× 25
B41692C5248Q001
B41792C5248Q001
2500
16
× 30
B41692C5258Q001 B41692C5258Q003 B41792C5258Q001
3300
18
× 30
B41692C5338Q001
B41792C5338Q001
3600
16
× 39
B41692C5368Q001
B41792C5368Q001
4300
20
× 29
B41692C5438Q001
4700
18
× 39
B41692C5478Q001
B41792C5478Q001
7200
21
× 39
B41692C5728Q001
B41792C5728Q001
10000
21
× 49
B41692C5109Q001
B41792C5109Q001
40
620
12
× 30
B41692C7627Q001 B41692C7627Q003 B41792C7627Q001
1000
14
× 30
B41692C7108Q001 B41692C7108Q003 B41792C7108Q001
1400
16
× 30
B41692C7148Q001 B41692C7148Q003 B41792C7148Q001
1800
16
× 35
B41692C7188Q001
B41792C7188Q001
1800
18
× 30
B41692D7188Q001
B41792D7188Q001
2000
16
× 39
B41692C7208Q001
B41792C7208Q001
2400
20
× 29
B41692C7248Q001
2600
18
× 39
B41692C7268Q001
B41792C7268Q001
3900
21
× 39
B41692C7398Q001
B41792C7398Q001
5100
21
× 49
B41692C7518Q001
B41792C7518Q001
63
300
12
× 30
B41692C8307Q001 B41692C8307Q003 B41792C8307Q001
500
14
× 30
B41692C8507Q001 B41692C8507Q003 B41792C8507Q001
700
16
× 30
B41692C8707Q001 B41692C8707Q003 B41792C8707Q001
900
18
× 30
B41692C8907Q001
B41792C8907Q001
1000
16
× 39
B41692C8108Q001
B41792C8108Q001
1200
20
× 29
B41692C8128Q001
1400
18
× 39
B41692C8148Q001
B41792C8148Q001
2000
21
× 39
B41692C8208Q001
B41792C8208Q001
2700
21
× 49
B41692C8278Q001
B41792C8278Q001
75
220
12
× 30
B41692C0227Q001 B41692C0227Q003 B41792C0227Q001
360
14
× 30
B41692C0367Q001 B41692C0367Q003 B41792C0367Q001
500
16
× 30
B41692C0507Q001 B41692C0507Q003 B41792C0507Q001
700
18
× 30
B41692C0707Q001
B41792C0707Q001
750
16
× 39
B41692C0757Q001
B41792C0757Q001
910
20
× 29
B41692C0917Q001
1000
18
× 39
B41692C0108Q001
B41792C0108Q001
1500
21
× 39
B41692C0158Q001
B41792C0158Q001
2000
21
× 49
B41692C0208Q001
B41792C0208Q001
B41692, B41792
Compact
up to 140
°C
Page 7 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41792C8108Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
B41792C0158Q001 TDK-B41792C0158Q001 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
B41792C0208Q001 TDK-B41792C0208Q001 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
B41792C0227Q001 TDK-B41792C0227Q001 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B41792C8108Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com